Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C64YI-GT3 Fiches technique(PDF) 6 Page - Catalyst Semiconductor

No de pièce CAT24C64YI-GT3
Description  64-Kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C64YI-GT3 Fiches technique(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24C64YI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C64YI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C64YI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C64YI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C64YI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C64YI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C64YI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C64YI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C64YI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CAT24C64
6
Doc. No. 1102, Rev. H
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE OPERATIONS
Byte Write
To write data to memory, the Master creates a START
condition on the bus and then broadcasts a Slave ad-
dress with the R/W
dress with the R/
dress with the R/ bit set to ‘0’. The Master then sends
W
W
two address bytes and a data byte and concludes the
session by creating a STOP condition on the bus. The
Slave responds with ACK after every byte sent by the
Master (Figure 5). The STOP starts the internal Write
cycle, and while this operation is in progress (tWR), the
SDA output is tri-stated and the Slave does not acknowl-
edge the Master (Figure 6).
Page Write
The Byte Write operation can be expanded to Page
Write, by sending more than one data byte to the Slave
before issuing the STOP condition (Figure 7). Up to
32(1) distinct data bytes can be loaded into the internal
Page Write Buffer starting at the address provided by
the Master. The page address is latched, and as long
as the Master keeps sending data, the internal byte ad-
dress is incremented up to the end of page, where it then
wraps around (within the page). New data can therefore
replace data loaded earlier. Following the STOP, data
loaded during the Page Write session will be written to
memory in a single internal Write cycle (tWR).
Acknowledge Polling
As soon (and as long) as internal Write is in progress,
the Slave will not acknowledge the Master. This feature
enables the Master to immediately follow-up with a new
Read or Write request, rather than wait for the maximum
specified Write time (tWR) to elapse. Upon receiving a
NoACK response from the Slave, the Master simply re-
peats the request until the Slave responds with ACK.
Hardware Write Protection
WiththeWPpinheldHIGH,theentirememoryisprotected
against Write operations. If the WP pin is left floating or
is grounded, it has no impact on the Write operation. The
state of the WP pin is strobed on the last falling edge
of SCL immediately preceding the 1st data byte (Figure
8). If the WP pin is HIGH during the strobe interval, the
Slave will not acknowledge the data byte and the Write
request will be rejected.
Delivery State
The CAT24C64 is shipped erased, i.e., all bytes are
FFh.
Note:
(1) CAT24C64 Rev. D (Not Recommended for New Designs) has
64-Byte Page Write Buffer.


Numéro de pièce similaire - CAT24C64YI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT24C64YI-GT3 ONSEMI-CAT24C64YI-GT3 Datasheet
190Kb / 15P
   64 kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 14
CAT24C64YI-GT3 ONSEMI-CAT24C64YI-GT3 Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64YI-GT3 ONSEMI-CAT24C64YI-GT3 Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64YI-GT3 ONSEMI-CAT24C64YI-GT3 Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
CAT24C64YI-GT3 ONSEMI-CAT24C64YI-GT3 Datasheet
123Kb / 13P
   64 Kb I2C CMOS Serial EEPROM
April, 2018 ??Rev. 27
More results

Description similaire - CAT24C64YI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
LE2464DXA ONSEMI-LE2464DXA Datasheet
305Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2464RDXA ONSEMI-LE2464RDXA Datasheet
353Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C64 ONSEMI-CAT24C64_16 Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
CAV24C64 ONSEMI-CAV24C64_16 Datasheet
106Kb / 11P
   64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C64LI-G ONSEMI-CAT24C64LI-G Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64 ONSEMI-CAT24C64 Datasheet
190Kb / 15P
   64 kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 14
CAV24C64 ONSEMI-CAV24C64 Datasheet
143Kb / 10P
   64-Kb I2C CMOS Serial EEPROM
March, 2011 ??Rev. 0
N24S64B ONSEMI-N24S64B Datasheet
104Kb / 11P
   64 Kb I2C CMOS Serial EEPROM
August, 2018 ??Rev. 0
CAT24C64 ONSEMI-CAT24C64_18 Datasheet
123Kb / 13P
   64 Kb I2C CMOS Serial EEPROM
April, 2018 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com