Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY329-1500S Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BY329-1500S
Description  Damper diode fast, high-voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY329-1500S Fiches technique(HTML) 1 Page - NXP Semiconductors

  BY329-1500S Datasheet HTML 1Page - NXP Semiconductors BY329-1500S Datasheet HTML 2Page - NXP Semiconductors BY329-1500S Datasheet HTML 3Page - NXP Semiconductors BY329-1500S Datasheet HTML 4Page - NXP Semiconductors BY329-1500S Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Damper diode
BY329-1500, BY329-1500S
fast, high-voltage
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 1500 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 1.35 V / 1.5 V
• High thermal cycling performance
• Low thermal resistance
I
F(peak) = 6 A (f = 16 kHz)
I
F(peak) = 6 A (f = 70 kHz)
I
FSM ≤ 75 A
t
rr ≤ 230 ns / 160 ns
GENERAL DESCRIPTION
PINNING
SOD59 (TO220AC)
Glass-passivated double diffused
PIN
DESCRIPTION
rectifier diode featuring low forward
voltage drop, fast reverse recovery
1
cathode
and soft recovery characteristic.
The device is intended for use in TV
2
anode
receivers and PC monitors.
tab
cathode
The BY329 series is supplied in the
conventional
leaded
SOD59
(TO220AC) package.
LIMITING VALUES
Limiting values accordance with the Absolute Maximum System (IEC 134).
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
RSM
Peak non-repetitive peak
-
1500
V
reverse voltage
V
RRM
Peak repetitive reverse
-
1500
V
voltage
V
RWM
Crest working reverse voltage
-
1300
V
BY329
-1500
-1500S
I
F(peak)
Peak working forward current
f = 16 kHz
-
6
-
A
f = 70 kHz
-
-
6
A
I
FRM
Peak repetitive forward
t = 25
µs; δ = 0.5;
-
14
A
current
T
mb ≤ 123 ˚C
I
F(RMS)
RMS forward current
-
11
A
I
FSM
Peak non-repetitive forward
t = 10 ms
-
75
A
current
sinusoidal; T
j = 150 ˚C prior to
surge; with reapplied V
RWM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
150
˚C
temperature
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
2.0
K/W
mounting base
R
th j-a
Thermal resistance junction to in free air
-
60
-
K/W
ambient
k
a
12
1
tab
2
September 1998
1
Rev 1.100


Numéro de pièce similaire - BY329-1500S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BY329-1500S PHILIPS-BY329-1500S Datasheet
36Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results

Description similaire - BY329-1500S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
BY479X-1700 PHILIPS-BY479X-1700 Datasheet
42Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.200
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com