Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY229X-400 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BY229X-400
Description  Rectifier diodes fast, soft-recovery
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY229X-400 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BY229X-400 Datasheet HTML 1Page - NXP Semiconductors BY229X-400 Datasheet HTML 2Page - NXP Semiconductors BY229X-400 Datasheet HTML 3Page - NXP Semiconductors BY229X-400 Datasheet HTML 4Page - NXP Semiconductors BY229X-400 Datasheet HTML 5Page - NXP Semiconductors BY229X-400 Datasheet HTML 6Page - NXP Semiconductors BY229X-400 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY229F, BY229X series
fast, soft-recovery
Fig.7. Maximum t
rr measured to 25% of Irrm; Tj = 25˚C
and 150˚C
Fig.8. Typical junction capacitance C
d at f = 1 MHz;
T
j = 25˚C
Fig.9. Transient thermal impedance Z
th = f(tp)
1
10
100
BY329
-dIF/dt (A/us)
trr / ns
1000
100
10
1 A
IF = 10 A
Tj = 150 C
Tj = 25 C
10A
1A
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BY229F
pulse width, tp (s)
Transient thermal impedance, Zth j-hs (K/W)
D =
tp
tp
T
T
P
t
D
1
100
100
10
1
10
1000
BY329
Cd / pF
VR / V
September 1998
4
Rev 1.200


Numéro de pièce similaire - BY229X-400

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
BY229X-400 GE-BY229X-400 Datasheet
41Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY229X-400 VISHAY-BY229X-400 Datasheet
133Kb / 5P
   Fast Switching Plastic Rectifier
Revision: 06-Nov-07
logo
Thinki Semiconductor Co...
BY229X-400 THINKISEMI-BY229X-400 Datasheet
603Kb / 2P
   8.0 Ampere Insulated Glass Passivated Ultra Fast Recovery Rectiflers
More results

Description similaire - BY229X-400

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BY329F PHILIPS-BY329F Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
BY229 PHILIPS-BY229 Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329X PHILIPS-BY329X Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
May 1995 Rev 1.000
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BYX46 PHILIPS-BYX46 Datasheet
664Kb / 11P
   FAST SOFT-RECOVERY RECTIFIER DIODES
April 1984
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com