Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC78M00 Fiches technique(PDF) 16 Page - ON Semiconductor

No de pièce MC78M00
Description  500 mA Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M00 Fiches technique(HTML) 16 Page - ON Semiconductor

Back Button MC78M00_06 Datasheet HTML 8Page - ON Semiconductor MC78M00_06 Datasheet HTML 9Page - ON Semiconductor MC78M00_06 Datasheet HTML 10Page - ON Semiconductor MC78M00_06 Datasheet HTML 11Page - ON Semiconductor MC78M00_06 Datasheet HTML 12Page - ON Semiconductor MC78M00_06 Datasheet HTML 13Page - ON Semiconductor MC78M00_06 Datasheet HTML 14Page - ON Semiconductor MC78M00_06 Datasheet HTML 15Page - ON Semiconductor MC78M00_06 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MC78M00, MC78M00A Series
http://onsemi.com
16
PACKAGE DIMENSIONS
TO−220, SINGLE GAUGE
T SUFFIX
CASE 221AB−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.020
0.055
0.508
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC78M00/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LM7800 3-Terminal Positive Voltage Regulators 1  2  3  4  5  More National Semiconductor (TI)
LR1106 LARGE CURRENT POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LR1118 LOW DROP POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LD1117 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More STMicroelectronics
LD1117_05 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1  2  3  4  5  More Unisonic Technologies
LM317M_06 500 mA Adjustable Output Positive Voltage Regulator 1  2  3  4  5  More ON Semiconductor
OM3901SC DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING 1  2  3  4  List of Unclassifed Manufacturers
LM317 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix
MC79M00 500 mA Negative Voltage Regulators 1  2  3  4  5  More ON Semiconductor
LM317CM 3-Terminal Adjustable Output Positive Voltage Regulators 1  2  3  4  5  More Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn