Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL1466IPMR Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TL1466IPMR
Description  HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL1466IPMR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TL1466IPMR Datasheet HTML 3Page - Texas Instruments TL1466IPMR Datasheet HTML 4Page - Texas Instruments TL1466IPMR Datasheet HTML 5Page - Texas Instruments TL1466IPMR Datasheet HTML 6Page - Texas Instruments TL1466IPMR Datasheet HTML 7Page - Texas Instruments TL1466IPMR Datasheet HTML 8Page - Texas Instruments TL1466IPMR Datasheet HTML 9Page - Texas Instruments TL1466IPMR Datasheet HTML 10Page - Texas Instruments TL1466IPMR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TL1466I
HIGHSPEED/PRECISION SIX CHANNEL
SWITCHING REGULATOR CONTROLLER
SLVS262 − FEBRUARY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
f = 0.43 MHz (unless otherwise noted) (continued)
undervoltage lockout section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(th)
High-level threshold voltage
2.45
V
V(tl)
Low-level threshold voltage
TA = 25°C
2.35
V
Vhys
Hysteresis
TA = 25°C
0.05
0.1
V
V(R)
Reset threshold voltage (VCC)
2.1
2.2
V
oscillator section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(OSC)
Oscillator frequency
C(T) = 100 pF,
R(T) = 47 kΩ
0.43
MHz
f(dev)
Standard deviation of frequency
All the values are constant
7%
f(dv)
Frequency change with voltage
VCC = 2.5 V to 12 V
1%
f(dT1)
Frequency change with temperature
TA = −20°C to 25°C
−0.5%
±4%
f(dT2)
Frequency change with temperature
TA = 20°C to 75°C
0.5%
±4%
output voltage monitor section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(tOM)
Input threshold voltage (COMP terminals: pin 13, 18,
34, 37, 40)
TA = 25°C (channel 1, 2, 3, 4)
1.45
1.50
1.55
V
V(IOOM)
Input offset voltage (pin 9, 14)
VI(10, 15 pin) = 1.5 V,
TA = 25°C (channel 5,6)
0.55
V
I(ICOMP) Input bias current
Pin 13, 18, 34, 37, 40
VI = 1 V
−0.8
−2
µA
I(ICOMP) Input bias current
Pin 9, 14
VI = 0.5 V,
VI(10, 15 pin) = 1.5 V
−0.8
−2
µA
short-circuit protection control section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(tPC)
Input threshold voltage (pin 23)
TA = 25°C
1.45
1.53
1.61
V
V(STBY) UVLO standby voltage (pin 23)
20
60
100
mV
VI
Latched input voltage (pin 23)
10
30
mV
I(bPC)
Input source current (pin 23)
TA = 25°C
−1
−2.5
−3.5
µA
dead-time control section (channel 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(Idt)
Input current (DTC−3 terminal: pin 31)
VI(31 pin) = 0.5 V
−1
−6
µA
V(t)
Input threshold voltage
Duty cycle = 0%
0.55
0.65
0.75
V
V(t100)
Input threshold voltage
Duty cycle = 100%
1.25
1.35
1.45
V


Numéro de pièce similaire - TL1466IPMR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL14661 TI-TL14661 Datasheet
329Kb / 22P
[Old version datasheet]   HIGH SPEED / PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
More results

Description similaire - TL1466IPMR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL14661 TI-TL14661 Datasheet
329Kb / 22P
[Old version datasheet]   HIGH SPEED / PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
   Six-Channel Switching Regulator Controller
LV5603T SANYO-LV5603T Datasheet
127Kb / 12P
   Bi-CMOS LSI Six-Channel Switching Regulator Controller
logo
API Technologies Corp
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5654T SANYO-LV5654T Datasheet
123Kb / 10P
   4-Channel Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3785A FUJITSU-MB3785A Datasheet
293Kb / 29P
   Switching Regulator Controller (4 Channels plus High-Precision, High-Frequency Capabilities)
logo
Sanyo Semicon Device
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
   3-channel Switching Regulator Controller
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
   2-Channel Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24