Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7529 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
TDA7529 Fiches technique(HTML) 34 Page - STMicroelectronics |
34 / 60 page Tuning state machine TDA7529 34/60 5.6 State machine start The tuning state machine is activated only at the end of the transmission if bit 7 of the subaddress is 1. The activation sequence, therefore, is to be done in the following way. Figure 15. Buffer/control serial bus sequence START ADDRESS (if I2C) SUBADDRESS REGS 0:31 STOP bit 7 = 1 REG 12 bit 6:4 sets desired state machine mode sets F2 into buffer registers tuning state machine starts AC00052 |
Numéro de pièce similaire - TDA7529 |
|
Description similaire - TDA7529 |