Moteur de recherche de fiches techniques de composants électroniques |
|
2SC3647 Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
2SC3647 Fiches technique(HTML) 1 Page - Unisonic Technologies |
1 / 4 page UNISONIC TECHNOLOGIES CO., 2SC3647 NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 Copyright © 2005 Unisonic Technologies Co., QW-R208-039,A HIGH-VOLTAGE SWITCHING APPLICATIONS FEATURES * Adoption of FBET, MBIT processes * High breakdown voltage and large current capacity * Fast switching time * Very small size marking it easy to provide high - density, small-sized hybrid ICs SOT-89 1 *Pb-free plating product number: 2SC3647L PIN CONFIGURATION PIN NO. PIN NAME 1 Emitter 2 Collector 3 Base ORDERING INFORMATION Order Number Normal Lead free Package Packing 2SC3647-AB3-R 2SC3647L-AB3-R SOT-89 Tape Reel |
Numéro de pièce similaire - 2SC3647 |
|
Description similaire - 2SC3647 |