Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVXT4066 Datasheet(Fiches technique) 3 Page - ON Semiconductor

Numéro de pièce 74LVXT4066
Description  Quad Analog Switch/Multiplexer/Demultiplexer High−Performance Silicon−Gate CMOS
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVXT4066 Datasheet(HTML) 3 Page - ON Semiconductor

  74LVXT4066 Datenblatt HTML 1Page - ON Semiconductor 74LVXT4066 Datenblatt HTML 2Page - ON Semiconductor 74LVXT4066 Datasheet HTML 3Page - ON Semiconductor 74LVXT4066 Datenblatt HTML 4Page - ON Semiconductor 74LVXT4066 Datenblatt HTML 5Page - ON Semiconductor 74LVXT4066 Datenblatt HTML 6Page - ON Semiconductor 74LVXT4066 Datenblatt HTML 7Page - ON Semiconductor 74LVXT4066 Datenblatt HTML 8Page - ON Semiconductor 74LVXT4066 Datenblatt HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC74LVXT4066
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
VIS
Analog Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vin
Digital Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
I
DC Current Into or Out of Any Pin
−20
mA
PD
Power Dissipation in Still Air,
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings
applied to the device are individual stress limit values (not normal operating conditions) and are
not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
†Derating − SOIC Package: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage (Referenced to GND)
2.0
5.5
V
VIS
Analog Input Voltage (Referenced to GND)
GND
VCC
V
Vin
Digital Input Voltage (Referenced to GND)
GND
VCC
V
VIO*
Static or Dynamic Voltage Across Switch
1.2
V
TA
Operating Temperature, All Package Types
– 55
+ 85
_C
tr, tf
Input Rise and Fall Time, ON/OFF Control
Inputs (Figure 10)
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V
*For voltage drops across the switch greater than 1.2 V (switch on), excessive VCC current may
be drawn; i.e., the current out of the switch may contain both VCC and switch input components.
The reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
DC ELECTRICAL CHARACTERISTIC Digital Section (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
– 55 to 25
_C
v 85_C
v 125_C
Unit
VIH
Minimum High−Level Voltage
ON/OFF Control Inputs
(Note 1)
Ron = Per Spec
3.0
4.5
5.5
1.2
2.0
2.0
1.2
2.0
2.0
1.2
2.0
2.0
V
VIL
Maximum Low−Level Voltage
ON/OFF Control Inputs
(Note 1)
Ron = Per Spec
3.0
4.5
5.5
0.53
0.8
0.8
0.53
0.8
0.8
0.53
0.8
0.8
V
Iin
Maximum Input Leakage Current
ON/OFF Control Inputs
Vin = VCC or GND
5.5
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND VIO = 0 V
5.5
4.0
40
160
mA
1. Specifications are for design target only. Not final specification limits.
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.
I/O pins must be connected to a
properly terminated line or bus.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12