Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCX16722 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 74VCX16722
Description  Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16722 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  74VCX16722_05 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Capacitance
IOUT - VOUT Characteristics
IOH versus VOH
FIGURE 1. Characteristics for Output - Pull Up Driver
IOL versus VOL
FIGURE 2. Characteristics for Output - Pull Down Driver
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V, or 3.3V,
3.5
pF
CI/O
Input/Output Capacitance
VI = 0V, or VCC, VCC = 1.8V, 2.5V or 3.3V
5.5
pF
CPD
Power Dissipation Capacitance
VI = 0V or VCC, f = 10 MHz, VCC = 1.8V, 2.5V or 3.3V
13
pF


Numéro de pièce similaire - 74VCX16722_05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX16722MTD FAIRCHILD-74VCX16722MTD Datasheet
83Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
More results

Description similaire - 74VCX16722_05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX16722 FAIRCHILD-74VCX16722 Datasheet
83Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT Datasheet
476Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16646FT TOSHIBA-TC74VCX16646FT Datasheet
477Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16652FT TOSHIBA-TC74VCX16652FT Datasheet
492Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com