Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74LVX4066 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC74LVX4066
Description  Quad Analog Switch/Multiplexer/Demultiplexer High−Performance Silicon−Gate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4066 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC74LVX4066_05 Datasheet HTML 2Page - ON Semiconductor MC74LVX4066_05 Datasheet HTML 3Page - ON Semiconductor MC74LVX4066_05 Datasheet HTML 4Page - ON Semiconductor MC74LVX4066_05 Datasheet HTML 5Page - ON Semiconductor MC74LVX4066_05 Datasheet HTML 6Page - ON Semiconductor MC74LVX4066_05 Datasheet HTML 7Page - ON Semiconductor MC74LVX4066_05 Datasheet HTML 8Page - ON Semiconductor MC74LVX4066_05 Datasheet HTML 9Page - ON Semiconductor MC74LVX4066_05 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC74LVX4066
http://onsemi.com
6
Figure 1a. Typical On Resistance, VCC = 2.0 V, T = 25°C
Figure 1b. Typical On Resistance, VCC = 2.0 V
Figure 1c. Typical On Resistance, VCC = 3.0 V
Figure 2. On Resistance Test Set−Up
PLOTTER
MINI COMPUTER
PROGRAMMABLE
POWER
SUPPLY
DC ANALYZER
VCC
+
ANALOG IN
COMMON OUT
GND
DEVICE
UNDER TEST
Figure 1d. Typical On Resistance, VCC = 4.5 V
Figure 1e. Typical On Resistance, VCC = 5.5 V
350
Vin (Volts)
250
150
50
0
0.5
1
300
200
100
1.5
2
2.5
0
400
125°C
−55°C
25°C
85°C
35
Vin (Volts)
25
15
5
0
1
30
20
10
2
0
125°C
−55°C
25°C
85°C
3
14
Vin (Volts)
10
6
2
0
12
12
8
4
345
0
125°C
−55°C
25°C
85°C
18
16
14
Vin (Volts)
10
6
2
0
12
12
8
4
345
0
125°C
−55°C
25°C
85°C
16
6
Vin (Volts)
250
150
50
0
0.5
1
200
100
1.5
2
2.5
0
Is = 1mA
Is = 9mA
Is = 5mA
Is = 15mA
20
18
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn