Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74LVX4052 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC74LVX4052
Description  Analog Multiplexer/Demultiplexer High−Performance Silicon−Gate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4052 Fiches technique(HTML) 4 Page - ON Semiconductor

  MC74LVX4052_05 Datasheet HTML 1Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 2Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 3Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 4Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 5Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 6Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 7Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 8Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC74LVX4052
http://onsemi.com
4
DC CHARACTERISTICS − Digital Section (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
*55 to 25°C v85°C v125°C
Unit
VIH
Minimum High−Level Input Voltage,
Channel−Select or Enable Inputs
2.5
3.0
4.5
6.0
1.90
2.10
3.15
4.2
1.90
2.10
3.15
4.2
1.90
2.10
3.15
4.2
V
VIL
Maximum Low−Level Input Voltage,
Channel−Select or Enable Inputs
2.5
3.0
4.5
6.0
0.6
0.9
1.35
1.8
0.6
0.9
1.35
1.8
0.6
0.9
1.35
1.8
V
IIN
Maximum Input Leakage Current,
Channel−Select or Enable Inputs
VIN = 6.0 or GND
0 V to 6.0 V
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable
and VIS = VCC or GND
6.0
4.0
40
80
mA
DC ELECTRICAL CHARACTERISTICS − Analog Section
VCC
VEE
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
*55 to 25°C v85_C v125_C
Unit
RON
Maximum “ON” Resistance
VIN = VIL or VIH
VIS = ½ (VCC − VEE)
|IS| = 2.0 mA
(Figure 4)
3.0
4.5
3.0
0
0
*3.0
86
37
26
108
46
33
120
55
37
W
∆RON
Maximum Difference in “ON” Resist-
ance Between Any Two Channels in
the Same Package
VIN = VIL or VIH
VIS = ½ (VCC − VEE)
|IS| = 2.0 mA
3.0
4.5
3.0
0
0
*3.0
15
13
10
20
18
15
20
18
15
W
Ioff
Maximum Off−Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 3)
5.5
+3.0
0
−3.0
0.1
0.1
0.5
0.5
1.0
1.0
mA
Maximum Off−Channel
Leakage Current,
Common Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 4)
5.5
+3.0
0
−3.0
0.2
0.2
2.0
2.0
4.0
4.0
Ion
Maximum On−Channel
Leakage Current,
Channel−to−Channel
Vin = VIL or VIH;
Switch−to−Switch =
VCC or GND; (Figure 5)
5.5
+3.0
0
−3.0
0.2
0.2
2.0
2.0
4.0
4.0
mA
AC CHARACTERISTICS (Input tr = tf = 3 ns)
Guaranteed Limit
VCC
VEE
*55 to 25_C
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Min
Typ*
v85_C v125_C
Unit
tBBM
Minimum Break−Before−Make Time
VIN = VIL or VIH
VIS = VCC
RL = 300 W, CL = 35 pF
(Figures 12 and 13)
3.0
4.5
3.0
0.0
0.0
*3.0
1.0
1.0
1.0
6.5
5.0
3.5
ns
*Typical Characteristics are at 25
_C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn