Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74LVX4052 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC74LVX4052
Description  Analog Multiplexer/Demultiplexer High−Performance Silicon−Gate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4052 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC74LVX4052_05 Datasheet HTML 1Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 2Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 3Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 4Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 5Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 6Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 7Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 8Page - ON Semiconductor MC74LVX4052_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC74LVX4052
http://onsemi.com
5
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 3 ns)
Guaranteed Limit
VCC
VEE
*55 to 25°C
v85°C
v125°C
Symbol
Parameter
VCC
V
VEE
V
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation Delay,
Channel−Select to Analog Output
(Figures 16 and 17)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Enable to
Analog Output (Figures 14 and 15)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
tPZL,
tPZH
Maximum Propagation Delay, Enable to
Analog Output (Figures 14 and 15)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
Typical @ 25
°C, VCC = 5.0 V, VEE = 0V
CPD
Power Dissipation Capacitance (Figure 18) (Note 6)
45
pF
CIN
Maximum Input Capacitance, Channel−Select or Enable Inputs
10
pF
CI/O
Maximum Capacitance
Analog I/O
(All Switches Off)
Common O/I
Feedthrough
10
10
1.0
pF
6. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
VCC
VEE
Typ
Symbol
Parameter
Condition
VCC
V
VEE
V
25
°C
Unit
BW
Maximum On−Channel Bandwidth or
Minimum Frequency Response
VIS = ½ (VCC − VEE)
Ref and Test Attn = 10 dB
Source Amplitude = 0 dB
(Figure 7)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
*3.0
80
80
80
80
MHz
VISO
Off−Channel Feedthrough Isolation
f = 1 MHz; VIS = ½ (VCC − VEE)
Adjust Network Analyzer output to 10 dBm on
each output from the power splitter
(Figures 8 and 9)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
*3.0
*70
*70
*70
*70
dB
VONL
Maximum Feedthrough On Loss
VIS = ½ (VCC − VEE)
Adjust Network Analyzer output to 10 dBm on
each output from the power splitter
(Figure 11)
3.0
4.5
6.0
3.0
0.0
0.0
0.0
*3.0
*2
*2
*2
*2
dB
Q
Charge Injection
VIN = VCC to VEE, fIS = 1 kHz, tr = tf = 3 ns
RIS = 0 W, CL= 1000 pF, Q = CL * ∆VOUT
(Figure 10)
5.0
3.0
0.0
*3.0
9.0
12
pC
THD
Total Harmonic Distortion THD + Noise
fIS = 1 MHz, RL = 10 KW, CL = 50 pF,
VIS = 5.0 VPP sine wave
VIS = 6.0 VPP sine wave
(Figure 19)
6.0
3.0
0.0
*3.0
0.10
0.05
%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn