Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74LVX4051 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce MC74LVX4051
Description  Analog Multiplexer/Demultiplexer High−Performance Silicon−Gate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4051 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button MC74LVX4051_05 Datasheet HTML 6Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 7Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 8Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 9Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 10Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 11Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 12Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 13Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC74LVX4051
http://onsemi.com
10
Figure 18. Power Dissipation Capacitance, Test Set−Up
ON/OFF
12
VCC
NC
OFF/ON
10 − 11,
13 − 14
Channel
Select
15
VIL
VCC
A
Figure 19. Total Harmonic Distortion, Test Set−Up
6
7
8
9− 11
HP3466
DMM
16
50 K
W
)V
COM
HP3466
DMM
)V
COM
HP E3630A
DC Pwr Supply
COM
)20 V *20 V
HP 339
Distortion Measurement Set
Analyzer
Input
COM
Oscillator
Output
COM
RL
CL
ON
OFF
Channel Selects connected
to DC bias supply or ground
and appropriately configured
to test each switch.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC74HC393A_06 Dual 4−Stage Binary Ripple Counter High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC86A_06 Quad 2−Input Exclusive OR Gate High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC540A_05 Octal 3−State Inverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC541A_05 Octal 3−State Noninverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC132A_06 Quad 2−Input NAND Gate with Schmitt−Trigger Inputs High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC573A_05 Octal 3−State Noninverting Transparent Latch High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC574A_05 Octal 3−State Noninverting D Flip−Flop High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC589A_05 8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC161A_06 Presettable Counters High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC595A_05 8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn