Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74LVX4051 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC74LVX4051
Description  Analog Multiplexer/Demultiplexer High−Performance Silicon−Gate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4051 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC74LVX4051_05 Datasheet HTML 2Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 3Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 4Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 5Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 6Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 7Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 8Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 9Page - ON Semiconductor MC74LVX4051_05 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC74LVX4051
http://onsemi.com
6
Figure 4. On Resistance, Test Set−Up
PLOTTER
MINI
COMPUTER
PROGRAMMABLE
POWER
SUPPLY
DC ANALYZER
VCC
DEVICE
UNDER TEST
GND
ANALOG IN
COMMON OUT
GND
*)
Figure 5. Maximum Off Channel Leakage Current,
Any One Channel, Test Set−Up
Figure 6. Maximum On Channel Leakage Current,
Channel to Channel, Test Set−Up
Figure 7. Maximum On Channel Bandwidth, Test Set−Up
OFF
OFF
6
7
8
16
COMMON O/I
VCC
VIH
NC
A
VCC
VEE
VCC
ON
OFF
6
7
8
16
COMMON O/I
VCC
VIL
VCC
VEE
VCC
N/C
A
ANALOG I/O
VEE
VEE
ON
OFF
6
7
8
VCC
VEE
9− 11
All untested Analog I/O pins
HP11667B
Pwr Splitter
HP4195A
Network Anl
0.1
mF
S1 R1
T1
0.1
mF
50 K
W
100 K
W
VIS
A
Channel Selects
connected to address
pins on HP4195A and
appropriately configured
to test each switch.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC74HC393A_06 Dual 4−Stage Binary Ripple Counter High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC86A_06 Quad 2−Input Exclusive OR Gate High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC540A_05 Octal 3−State Inverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC541A_05 Octal 3−State Noninverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC132A_06 Quad 2−Input NAND Gate with Schmitt−Trigger Inputs High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC573A_05 Octal 3−State Noninverting Transparent Latch High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC574A_05 Octal 3−State Noninverting D Flip−Flop High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC589A_05 8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC161A_06 Presettable Counters High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC595A_05 8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn