Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4401-T92-K Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce 2N4401-T92-K
Description  NPN GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N4401-T92-K Fiches technique(HTML) 1 Page - Unisonic Technologies

  2N4401-T92-K Datasheet HTML 1Page - Unisonic Technologies 2N4401-T92-K Datasheet HTML 2Page - Unisonic Technologies 2N4401-T92-K Datasheet HTML 3Page - Unisonic Technologies 2N4401-T92-K Datasheet HTML 4Page - Unisonic Technologies 2N4401-T92-K Datasheet HTML 5Page - Unisonic Technologies 2N4401-T92-K Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N4401
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R201-052,B
NPN GENERAL PURPOSE
AMPLIFIER
DESCRIPTION
The UTC 2N4401 is designed for use as a medium power
amplifier and switch requiring collector currents up to 500mA.
TO-92
1
*Pb-free plating product number: 2N4401L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2N4401-T92-B
2N4401L-T92-B
TO-92
E
B
C
Tape Box
2N4401-T92-K
2N4401L-T92-K
TO-92
E
B
C
Bulk
2N4401L-T92-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) B: Tape Box, K: Bulk
(2) T92: TO-92
(3) L: Lead Free Plating, Blank: Pb/Sn


Numéro de pièce similaire - 2N4401-T92-K

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2N4401-T92-K UTC-2N4401-T92-K Datasheet
212Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Description similaire - 2N4401-T92-K

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com