Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC86A Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC74HC86A
Description  Quad 2−Input Exclusive OR Gate High−Performance Silicon−Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC86A Fiches technique(HTML) 2 Page - ON Semiconductor

  MC74HC86A_06 Datasheet HTML 1Page - ON Semiconductor MC74HC86A_06 Datasheet HTML 2Page - ON Semiconductor MC74HC86A_06 Datasheet HTML 3Page - ON Semiconductor MC74HC86A_06 Datasheet HTML 4Page - ON Semiconductor MC74HC86A_06 Datasheet HTML 5Page - ON Semiconductor MC74HC86A_06 Datasheet HTML 6Page - ON Semiconductor MC74HC86A_06 Datasheet HTML 7Page - ON Semiconductor MC74HC86A_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74HC86A
http://onsemi.com
2
LOGIC DIAGRAM
Y1
Y2
Y3
Y4
A1
B1
A2
B2
A3
B3
A4
B4
1
2
4
5
9
10
12
13
3
6
8
11
PIN 14 = VCC
PIN 7 = GND
Y = A ⊕ B
= AB + AB
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
B3
Y4
A4
B4
VCC
Y3
A3
A2
Y1
B1
A1
GND
Y2
B2
FUNCTION TABLE
A
L
L
H
H
Inputs
Output
B
L
H
L
H
Y
L
H
H
L
ORDERING INFORMATION
Device
Package
Shipping
MC74HC86AN
PDIP−14
25 Units / Rail
MC74HC86ANG
PDIP−14
(Pb−Free)
MC74HC86AD
SOIC−14
55 Units / Rail
MC74HC86ADG
SOIC−14
(Pb−Free)
MC74HC86ADR2
SOIC−14
2500 / Tape & Reel
MC74HC86ADR2G
SOIC−14
(Pb−Free)
MC74HC86ADTR2
TSSOP−14*
MC74HC86ADTR2G
TSSOP−14*
MC74HC86AF
SOEIAJ−14
50 Units / Rail
MC74HC86AFG
SOEIAJ−14
(Pb−Free)
MC74HC86AFEL
SOEIAJ−14
2000 / Tape & Reel
MC74HC86AFELG
SOEIAJ−14
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Html Pages

1  2  3  4  5  6  7  8