Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC08A Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC74HC08A
Description  Quad 2−Input AND Gate High−Performance Silicon−Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC08A Fiches technique(HTML) 6 Page - ON Semiconductor

  MC74HC08A_06 Datasheet HTML 1Page - ON Semiconductor MC74HC08A_06 Datasheet HTML 2Page - ON Semiconductor MC74HC08A_06 Datasheet HTML 3Page - ON Semiconductor MC74HC08A_06 Datasheet HTML 4Page - ON Semiconductor MC74HC08A_06 Datasheet HTML 5Page - ON Semiconductor MC74HC08A_06 Datasheet HTML 6Page - ON Semiconductor MC74HC08A_06 Datasheet HTML 7Page - ON Semiconductor MC74HC08A_06 Datasheet HTML 8Page - ON Semiconductor MC74HC08A_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74HC08A
http://onsemi.com
6
PACKAGE DIMENSIONS
PDIP−14
CASE 646−06
ISSUE P
17
14
8
B
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
19.56
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
M
−−−
10
−−−
10
N
0.015
0.039
0.38
1.01
__
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
F
HG
D
K
C
SEATING
PLANE
N
−T−
14 PL
M
0.13 (0.005)
L
M
J
0.290
0.310
7.37
7.87


Html Pages

1  2  3  4  5  6  7  8  9