Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC03A Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC74HC03A
Description  Quad 2−Input NAND Gate with Open−Drain Outputs High−Performance Silicon−Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC03A Fiches technique(HTML) 5 Page - ON Semiconductor

  MC74HC03A_06 Datasheet HTML 1Page - ON Semiconductor MC74HC03A_06 Datasheet HTML 2Page - ON Semiconductor MC74HC03A_06 Datasheet HTML 3Page - ON Semiconductor MC74HC03A_06 Datasheet HTML 4Page - ON Semiconductor MC74HC03A_06 Datasheet HTML 5Page - ON Semiconductor MC74HC03A_06 Datasheet HTML 6Page - ON Semiconductor MC74HC03A_06 Datasheet HTML 7Page - ON Semiconductor MC74HC03A_06 Datasheet HTML 8Page - ON Semiconductor MC74HC03A_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74HC03A
http://onsemi.com
5
Figure 1. Switching Waveforms
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 2. Test Circuit
1kW
Rpd
VCC
INPUT A
90%
50%
10%
tf
tr
GND
VCC
OUTPUT Y
tPZL
tTHL
HIGH
IMPEDANCE
VOL
10%
tPLZ
90%
50%
10%
VO, OUTPUT VOLTAGE (VOLTS)
012345
0
5
10
15
20
25
Figure 3. Open−Drain Output Characteristics
A1
B1
A2
B2
An
Bn
1/4
HC03
1/4
HC03
1/4
HC03
Y1
Y2
Yn
TYPICAL
T=25°C
T=25°C
T=85°C
T=125°C
EXPECTED MINIMUM*
VCC=5V
*The expected minimum curves are not guarantees, but are design aids.
VCC
PULLUP
RESISTOR
OUTPUT
OUTPUT = Y1 • Y2 • . . . • Yn
= A1B1 • A2B2 • . . . • AnBn
Figure 4. Wired AND
LED1
1/4
HC03
LED2
LED
ENABLE
VCC
+
VR
+
VF
1/4
HC03
VCC
DESIGN EXAMPLE
CONDITIONS: ID^10mA
TYPICAL CURVE, at ID=10mA,
VDS^0.4V
NR +
VCC * VF * VO
ID
+ 5V * 1.7V * 0.4V
10mA
USE R = 270W
+ 290W
Figure 5. LED Driver With Blanking


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn