Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC595A Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC74HC595A
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High−Performance Silicon−Gate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC595A Fiches technique(HTML) 1 Page - ON Semiconductor

  MC74HC595A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC595A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC595A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC595A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC595A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC595A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC595A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC595A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC595A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
April, 2005 − Rev. 9
1
Publication Order Number:
MC74HC595A/D
MC74HC595A
8−Bit Serial−Input/Serial or
Parallel−Output Shift
Register with Latched
3−State Outputs
High−Performance Silicon−Gate CMOS
The MC74HC595A consists of an 8−bit shift register and an 8−bit
D−type latch with three−state parallel outputs. The shift register
accepts serial data and provides a serial output. The shift register also
provides parallel data to the 8−bit latch. The shift register and latch
have independent clock inputs. This device also has an asynchronous
reset for the shift register.
The HC595A directly interfaces with the SPI serial data port on
CMOS MPUs and MCUs.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC
Standard No. 7A
Chip Complexity: 328 FETs or 82 Equivalent Gates
Improvements over HC595
Improved Propagation Delays
50% Lower Quiescent Power
Improved Input Noise and Latchup Immunity
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
PDIP−16
N SUFFIX
CASE 648
1
16
1
16
1
16
MC74HC595AN
AWLYYWW
1
16
HC595A
AWLYWW
HC
595A
ALYW
1
16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn