Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC589A Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC74HC589A
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High−Performance Silicon−Gate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC589A Fiches technique(HTML) 2 Page - ON Semiconductor

  MC74HC589A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC74HC589A
http://onsemi.com
2
Figure 1. Logic Diagram
SERIAL
DATA
INPUT
14
15
1
2
3
4
5
6
7
12
11
13
10
SA
A
B
C
D
E
F
G
H
LATCH CLOCK
SHIFT CLOCK
SERIAL SHIFT/
PARALLEL LOAD
OUTPUT ENABLE
PARALLEL
DATA
INPUTS
DATA
LATCH
SHIFT
REGISTER
VCC = PIN 16
GND = PIN 8
9 QH
SERIAL
DATA
OUTPUT
Figure 2. Pin Assignment
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
LATCH CLOCK
SERIAL SHIFT/
PARALLEL LOAD
SA
A
VCC
QH
OUTPUT ENABLE
SHIFT CLOCK
E
D
C
B
GND
H
G
F
ORDERING INFORMATION
Device
Package
Shipping
MC74HC589AN
PDIP−16
2000 / Box
MC74HC589ANG
PDIP−16
(Pb−Free)
2000 / Box
MC74HC589AD
SOIC−16
48 Units / Rail
MC74HC589ADG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74HC589ADR2
SOIC−16
2500 Tape & Reel
MC74HC589ADR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74HC589ADTR2
TSSOP−16*
2500 Tape & Reel
MC74HC589AFEL
SOEIAJ−16
2000 Tape & Reel
MC74HC589AFELG
SOEIAJ−16
(Pb−Free)
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn