Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC589A Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC74HC589A
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High−Performance Silicon−Gate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC589A Fiches technique(HTML) 1 Page - ON Semiconductor

  MC74HC589A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. 3
1
Publication Order Number:
MC74HC589A/D
MC74HC589A
8−Bit Serial or
Parallel−Input/Serial−Output
Shift Register with 3−State
Output
High−Performance Silicon−Gate CMOS
The MC74HC589A device consists of an 8−bit storage latch which
feeds parallel data to an 8−bit shift register. Data can also be loaded
serially (see the Function Table). The shift register output, QH, is a
3−state output, allowing this device to be used in bus−oriented
systems.
The HC589A directly interfaces with the SPI serial data port on
CMOS MPUs and MCUs.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2 to 6 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC
Standard No. 7A
Chip Complexity: 526 FETs or 131.5 Equivalent Gates
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
PDIP−16
N SUFFIX
CASE 648
1
16
1
16
MARKING
DIAGRAMS
1
16
MC74HC589AN
AWLYYWW
1
16
HC589A
AWLYWW
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
HC
589A
ALYW
1
16
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
CASE 966
1
16
74HC589A
ALYW
1
16
http://onsemi.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn