Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC589A Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC74HC589A
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High−Performance Silicon−Gate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC589A Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC74HC589A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 9Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC74HC589A
http://onsemi.com
6
TIMING REQUIREMENTS (Input tr = tf = 6 ns, Note 10)
VCC
Guaranteed Limit
Symbol
Parameter
V
*55_C to 25_C v85_C v125_C
Unit
tsu
Minimum Setup Time, A−H to Latch Clock
(Figure 7)
2.0
3.0
4.5
6.0
100
40
20
17
125
50
25
21
150
60
30
26
ns
tsu
Minimum Setup Time, Serial Data Input SA to Shift Clock
(Figure 8)
2.0
3.0
4.5
6.0
100
40
20
17
125
50
25
21
150
60
30
26
ns
tsu
Minimum Setup Time, Serial Shift/Parallel Load to Shift Clock
(Figure 9)
2.0
3.0
4.5
6.0
100
40
20
17
125
50
25
21
150
60
30
26
ns
th
Minimum Hold Time, Latch Clock to A−H
(Figure 7)
2.0
3.0
4.5
6.0
25
10
5
5
30
12
6
6
40
15
8
7
ns
th
Minimum Hold Time, Shift Clock to Serial Data Input SA
(Figure 8)
2.0
3.0
4.5
6.0
5
5
5
5
5
5
5
5
5
5
5
5
ns
tw
Minimum Pulse Width, Shift Clock
(Figure 4)
2.0
3.0
4.5
6.0
75
40
15
13
95
50
19
16
110
60
23
19
ns
tw
Minimum Pulse Width, Latch Clock
(Figure 3)
2.0
3.0
4.5
6.0
80
40
16
14
100
50
20
17
120
60
24
20
ns
tw
Minimum Pulse Width, Serial Shift/Parallel Load
(Figure 6)
2.0
3.0
4.5
6.0
80
40
16
14
100
50
20
17
120
60
24
20
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 3)
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
10. Information on typical parametric values can be found in the ON Semiconductor High−Speed CMOS Data Book (DL129/D).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn