Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC574A Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC74HC574A
Description  Octal 3−State Noninverting D Flip−Flop High−Performance Silicon−Gate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC574A Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC74HC574A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 9Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC74HC574A
http://onsemi.com
6
Figure 3.
Figure 4.
CLOCK
Q
tr
tf
VCC
GND
90%
50%
10%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
1/fmax
Q
Q
1.3 V
1.3 V
90%
10%
tPZL
tPLZ
tPZH
tPHZ
3.0 V
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
SWITCHING WAVEFORMS
Figure 5.
Figure 6.
Figure 7. Test Circuit
Figure 8. Expanded Logic Diagram
50%
CLOCK
VCC
VALID
GND
VCC
GND
tsu
th
50%
DATA
*Includes all probe and jig capacitance.
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance.
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
W
C
D
Q
2
D0
19
Q0
C
D
Q
3
D1
18
Q1
C
D
Q
4
D2
17
Q2
C
D
Q
5
D3
16
Q3
C
D
Q
6
D4
15
Q4
C
D
Q
7
D5
14
Q5
C
D
Q
8
D6
13
Q6
C
D
Q
9
D7
12
Q7
11
CLOCK
1
OUTPUT ENABLE


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC74HC244A_06 Octal 3−State Noninverting Buffer/Line Driver/ Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC245A_06 Octal 3−State Noninverting Bus Transceiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC374A_05 Octal 3−State Non−Inverting D Flip−Flop High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC541A_05 Octal 3−State Noninverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC573A_05 Octal 3−State Noninverting Transparent Latch High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC273A_05 Octal D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC373A_05 Octal 3−State Non−Inverting Transparent Latch High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC540A_05 Octal 3−State Inverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC174A_06 Hex D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HCT374A_05 Octal 3−State Noninverting D Flip−Flop with LSTTL−Compatible Inputs 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn