Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC574A Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC74HC574A
Description  Octal 3−State Noninverting D Flip−Flop High−Performance Silicon−Gate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC574A Fiches technique(HTML) 5 Page - ON Semiconductor

  MC74HC574A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74HC574A
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF; Input tr = tf = 6.0 ns)
VCC
V
Guaranteed Limit
Symbol
Parameter
*55 to 25_C
v85_C
v125_C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 3 and 6)
2.0
3.0
4.5
6.0
6.0
15
30
35
4.8
10
24
28
4.0
8.0
20
24
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q
(Figures 3 and 6)
2.0
3.0
4.5
6.0
160
105
32
27
200
145
40
34
240
190
48
41
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 4 and 7)
2.0
3.0
4.5
6.0
150
100
30
26
190
125
38
33
225
150
45
38
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Q
(Figures 4 and 7)
2.0
3.0
4.5
6 0
140
90
28
24
175
120
35
30
210
140
42
36
ns
tTLH,
tTHL
Maximum Output Transition Time, any Output
(Figures 3 and 6)
2.0
3.0
4.5
6.0
60
27
12
10
75
32
15
13
90
36
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three−State Output Capacitance, Output in High−Impedance
State
15
15
15
pF
9. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High−Speed
CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Enabled Output)*
24
pF
*Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (CL = 50 pF; Input tr = tf = 6.0 ns)
Guaranteed Limit
VCC
– 55 to 25
_C
v 85_C
v 125_C
Symbol
Parameter
Figure
Volts
Min
Max
Min
Max
Min
Max
Unit
tsu
Minimum Setup Time, Data to Clock
5
2.0
3.0
4.6
6.0
50
40
10
9.0
65
50
13
11
75
60
15
13
ns
th
Minimum Hold Time, Clock to Data
5
2.0
3.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
3
2.0
3.0
4.5
6.0
75
60
15
13
95
80
19
16
110
90
22
19
ns
tr, tf
Maximum Input Rise and Fall Times
3
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC74HC244A_06 Octal 3−State Noninverting Buffer/Line Driver/ Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC245A_06 Octal 3−State Noninverting Bus Transceiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC374A_05 Octal 3−State Non−Inverting D Flip−Flop High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC541A_05 Octal 3−State Noninverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC573A_05 Octal 3−State Noninverting Transparent Latch High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC273A_05 Octal D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC373A_05 Octal 3−State Non−Inverting Transparent Latch High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC540A_05 Octal 3−State Inverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC174A_06 Hex D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HCT374A_05 Octal 3−State Noninverting D Flip−Flop with LSTTL−Compatible Inputs 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn