Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC573A Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC74HC573A
Description  Octal 3−State Noninverting Transparent Latch High−Performance Silicon−Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC573A Fiches technique(HTML) 2 Page - ON Semiconductor

  MC74HC573A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74HC573A
http://onsemi.com
2
DATA
INPUTS
D0
D1
D2
D3
D4
D5
D6
D7
LATCH ENABLE
OUTPUT ENABLE
11
1
9
8
7
6
5
4
3
219
18
17
16
15
14
13
12
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
PIN 20 = VCC
PIN 10 = GND
NONINVERTING
OUTPUTS
D4
D2
D1
D0
OUTPUT
ENABLE
GND
D7
D6
D5
D3
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q3
Q2
Q1
Q0
VCC
LATCH
ENABLE
Q7
Q6
Q5
Q4
FUNCTION TABLE
Inputs
Output
Output
Latch
Enable
Enable
D
Q
LH
H
H
LH
L
L
L
L
X
No Change
HX
X
Z
X = Don’t Care
Z = High Impedance
LOGIC DIAGRAM
PIN ASSIGNMENT
Design Criteria
*Equivalent to a two−input NAND gate.
Value
Units
Internal Gate Count*
54.5
ea.
Internal Gate Progation Delay
1.5
ns
Internal Gate Power Dissipation
5.0
mW
Speed Power Product
0.0075
pJ
ORDERING INFORMATION
Device
Package
Shipping
MC74HC573AN
PDIP−20
18 Units / Rail
MC74HC573ANG
SOIC−20
(Pb−Free)
18 Units / Rail
MC74HC573ADW
SOIC−20 WIDE
38 Units / Rail
MC74HC573ADWG
SOIC−20 WIDE
(Pb−Free)
38 Units / Rail
MC74HC573ADWR2
SOIC−20 WIDE
1000 Tape & Reel
MC74HC573ADWR2G
SOIC−20 WIDE
(Pb−Free)
1000 Tape & Reel
MC74HC573ADT
TSSOP−20*
75 Units / Rail
MC74HC573ADTG
TSSOP−20*
75 Units / Rail
MC74HC573ADTR2
TSSOP−20*
2500 Tape & Reel
MC74HC573ADTR2G
TSSOP−20*
2500 Tape & Reel
MC74HC573AFEL
SOEIAJ−20
2000 Tape & Reel
MC74HC573AFELG
SOEIAJ−20
(Pb−Free)
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC74HC373A_05 Octal 3−State Non−Inverting Transparent Latch High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC244A_06 Octal 3−State Noninverting Buffer/Line Driver/ Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC245A_06 Octal 3−State Noninverting Bus Transceiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC541A_05 Octal 3−State Noninverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HCT373A_06 Octal 3−State Noninverting Transparent Latch with LSTTL−Compatible Inputs 1  2  3  4  5  More ON Semiconductor
MC74HC374A_05 Octal 3−State Non−Inverting D Flip−Flop High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC540A_05 Octal 3−State Inverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC273A_05 Octal D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
IDT74LVC573A 3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
CD74HC373 High Speed CMOS Logic Octal Transparent Latch Three-State Output 1  2  3  4  5  More Harris Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn