Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC573A Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC74HC573A
Description  Octal 3−State Noninverting Transparent Latch High−Performance Silicon−Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC573A Fiches technique(HTML) 1 Page - ON Semiconductor

  MC74HC573A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC573A_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 11
1
Publication Order Number:
MC74HC573A/D
MC74HC573A
Octal 3−State Noninverting
Transparent Latch
High−Performance Silicon−Gate CMOS
The MC74HC573A is identical in pinout to the LS573. The devices
are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LSTTL outputs.
These latches appear transparent to data (i.e., the outputs change
asynchronously) when Latch Enable is high. When Latch Enable goes
low, data meeting the setup and hold time becomes latched.
The HC573A is identical in function to the HC373A but has the data
inputs on the opposite side of the package from the outputs to facilitate
PC board layout.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
In Compliance with the JEDEC Standard No. 7.0 A Requirements
Chip Complexity: 218 FETs or 54.5 Equivalent Gates
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
20
1
1
20
MARKING
DIAGRAMS
SOIC−20
DW SUFFIX
CASE 751D
74HC573A
AWLYYWWG
HC
573A
ALYW
G
G
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
F SUFFIX
CASE 967
74HC573A
AWLYWWG
1
1
1
20
1
20
20
20
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
PDIP−20
N SUFFIX
CASE 738
1
20
MC74HC573AN
AWLYYWWG
1
20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC74HC373A_05 Octal 3−State Non−Inverting Transparent Latch High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC244A_06 Octal 3−State Noninverting Buffer/Line Driver/ Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC245A_06 Octal 3−State Noninverting Bus Transceiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC541A_05 Octal 3−State Noninverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HCT373A_06 Octal 3−State Noninverting Transparent Latch with LSTTL−Compatible Inputs 1  2  3  4  5  More ON Semiconductor
MC74HC374A_05 Octal 3−State Non−Inverting D Flip−Flop High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC540A_05 Octal 3−State Inverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC273A_05 Octal D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
IDT74LVC573A 3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
CD74HC373 High Speed CMOS Logic Octal Transparent Latch Three-State Output 1  2  3  4  5  More Harris Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn