Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC540A Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC74HC540A
Description  Octal 3−State Inverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC540A Fiches technique(HTML) 4 Page - ON Semiconductor

  MC74HC540A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HC540A
http://onsemi.com
4
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC
V
Guaranteed Limit
Symbol
Parameter
Condition
−55 to
25
°C
≤85°C
≤125°C
Unit
VIH
Minimum High−Level Input Voltage
Vout = 0.1 V
|Iout| ≤ 20 mA
2.0
3.0
4.5
6.0
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
V
VIL
Maximum Low−Level Input Voltage
Vout = VCC − 0.1 V
|Iout| ≤ 20 mA
2.0
3.0
4.5
6.0
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
V
VOH
Minimum High−Level Output
Voltage
Vin = VIL
|Iout| ≤ 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin = VIL
|Iout| ≤ 3.6 mA
|Iout| ≤ 6.0 mA
|Iout| ≤ 7.8 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.20
3.70
5.20
VOL
Maximum Low−Level Output
Voltage
Vin = VIH
|Iout| ≤ 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH
|Iout| ≤ 3.6 mA
|Iout| ≤ 6.0 mA
|Iout| ≤ 7.8 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
±0.1
±1.0
±1.0
mA
IOZ
Maximum Three−State Leakage
Current
Output in High Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
±0.5
±5.0
±10.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4
40
160
mA
7. Information on typical parametric values can be found in the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
VCC
V
Guaranteed Limit
Symbol
Parameter
−55 to
25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 3 and 5)
2.0
3.0
4.5
6.0
80
30
18
15
100
40
23
20
120
55
28
25
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Output Y
(Figures 4 and 6)
2.0
3.0
4.5
6.0
110
45
25
21
140
60
31
26
165
75
38
31
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Output Y
(Figures 4 and 6)
2.0
3.0
4.5
6.0
110
45
25
21
140
60
31
26
165
75
38
31
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 3 and 5)
2.0
3.0
4.5
6.0
60
22
12
10
75
28
15
13
90
34
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum 3−State Output Capacitance (Output in High Impedance State)
15
15
15
pF
8. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High−Speed
CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Buffer) (Note 9)
Typical @ 25
°C, VCC = 5.0 V, VEE = 0 V
pF
35
9. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC74HC244A_06 Octal 3−State Noninverting Buffer/Line Driver/ Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HCT244A_06 Octal 3−State Noninverting Buffer/Line Driver/Line Receiver with LSTTL−Compatible Inputs 1  2  3  4  5  More ON Semiconductor
MC74HC245A_06 Octal 3−State Noninverting Bus Transceiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC373A_05 Octal 3−State Non−Inverting Transparent Latch High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC374A_05 Octal 3−State Non−Inverting D Flip−Flop High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC54HCT244A Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs 1  2  3  4  5  More Motorola, Inc
MC74HC273A_05 Octal D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC132A_06 Quad 2−Input NAND Gate with Schmitt−Trigger Inputs High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC161A_06 Presettable Counters High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC165A_05 8−Bit Serial or Parallel−Input/ Serial−Output Shift Register High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn