Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC540A Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC74HC540A
Description  Octal 3−State Inverting Buffer/Line Driver/Line Receiver High−Performance Silicon−Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC540A Fiches technique(HTML) 3 Page - ON Semiconductor

  MC74HC540A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC540A_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74HC540A
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VI
DC Input Voltage
*0.5 to VCC )0.5
V
VO
DC Output Voltage (Note 1)
*0.5 v VO v VCC )0.5
V
IIK
DC Input Diode Current
$20
mA
IOK
DC Output Diode Current
$35
mA
IO
DC Output Sink Current
$35
mA
ICC
DC Supply Current per Supply Pin
$75
mA
IGND
DC Ground Current per Ground Pin
$75
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature Under Bias
)150
_C
qJA
Thermal Resistance
PDIP
SOIC
TSSOP
67
96
128
_C/W
PD
Power Dissipation in Still Air at 85
_C
PDIP
SOIC
TSSOP
750
500
450
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
u2000
u200
u1000
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 85_C (Note 5)
$300
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
(Referenced to GND)
2.0
6.0
V
Vin, Vout
DC Input Voltage, Output Voltage
(Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
*55
)125
_C
tr, tf
Input Rise and Fall Time (Figure 3)
VCC = 2.0 V
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
6. Unused inputs may not be left open. All inputs must be tied to a high− or low−logic input voltage level.


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC74HC244A_06 Octal 3−State Noninverting Buffer/Line Driver/ Line Receiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HCT244A_06 Octal 3−State Noninverting Buffer/Line Driver/Line Receiver with LSTTL−Compatible Inputs 1  2  3  4  5  More ON Semiconductor
MC74HC245A_06 Octal 3−State Noninverting Bus Transceiver High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC373A_05 Octal 3−State Non−Inverting Transparent Latch High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC374A_05 Octal 3−State Non−Inverting D Flip−Flop High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC54HCT244A Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs 1  2  3  4  5  More Motorola, Inc
MC74HC273A_05 Octal D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC132A_06 Quad 2−Input NAND Gate with Schmitt−Trigger Inputs High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC161A_06 Presettable Counters High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor
MC74HC165A_05 8−Bit Serial or Parallel−Input/ Serial−Output Shift Register High−Performance Silicon−Gate CMOS 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn