Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74HC174A Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC74HC174A
Description  Hex D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC174A Fiches technique(HTML) 5 Page - ON Semiconductor

  MC74HC174A_06 Datasheet HTML 1Page - ON Semiconductor MC74HC174A_06 Datasheet HTML 2Page - ON Semiconductor MC74HC174A_06 Datasheet HTML 3Page - ON Semiconductor MC74HC174A_06 Datasheet HTML 4Page - ON Semiconductor MC74HC174A_06 Datasheet HTML 5Page - ON Semiconductor MC74HC174A_06 Datasheet HTML 6Page - ON Semiconductor MC74HC174A_06 Datasheet HTML 7Page - ON Semiconductor MC74HC174A_06 Datasheet HTML 8Page - ON Semiconductor MC74HC174A_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74HC174A
http://onsemi.com
5
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit
VCC
*55_C to 25_C
v85_C
v125_C
Symbol
Parameter
Figure
V
Min
Max
Min
Max
Min
Max
Unit
tsu
Minimum Setup Time, Data to Clock
6
2.0
4.5
6.0
50
10
9.0
65
13
11
75
15
13
ns
th
Minimum Hold Time, Clock to Data
6
2.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
trec
Minimum Recovery Time,
Reset Inactive to Clock
5
2.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
4
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
tw
Minimum Pulse Width, Reset
5
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
tr, tf
Maximum Input Rise and Fall Times
4
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns
CLOCK
9
D0
3
RESET
1
D1
4
D2
6
D3
11
D4
13
D5
14
C
Q
D
R
2
5
7
10
12
15
Q0
Q1
Q2
Q3
Q4
Q5
Figure 3. Expanded Logic Diagram
C
Q
D
R
C
Q
D
R
C
Q
D
R
C
Q
D
R
C
Q
D
R


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn