Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL3522NA1C Fiches technique(PDF) 3 Page - Zarlink Semiconductor Inc

No de pièce SL3522NA1C
Description  500MHz 75dB Logarithmic/Limiting Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL3522NA1C Fiches technique(HTML) 3 Page - Zarlink Semiconductor Inc

  SL3522NA1C Datasheet HTML 1Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 2Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 3Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 4Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 5Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 6Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 7Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 8Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
SL3522
15
3
Degrees
Degrees
Min.
Typ.
Max.
Phase variation with RF
Input level
Phase tracking between
units
Freq = 300MHz RFIN = -60 to +10dBm
See notes 2, 7
TCASE = +25°C FREQ = 300MHz
See notes 2, 7
Units
Value
Conditions
Parameter
Pin
ELECTRICAL CHARACTERISTICS (cont.)
Notes
1 RF output buffer OFF (pin 8 disconnected from 0V)
2 RF output buffer ON (pin 8 connected to 0V)
3 Minimum dynamic range under any single set of operating conditions
4 Log linearity guaranteed for pin = -64dBm to +6dBm for ALL supply, temperature and frequency conditions
5 Full range of supply, temperature and frequency conditions
6 Input limiting range typically -50dBm to +10dBm
7 Not tested, but guaranteed by characterisation
8 Not tested, but guaranteed by design
The SL3522 CANNOT be GUARANTEED to operate below 100MHz and meet the electrical characteristics shown above.
However, characterisation has shown that the device can still function adequately down to frequencies of 50MHz, with the following
reservations:-
1)The video bandwidth is fixed to approx 40MHz a certain amount of carrier breakthrough on the video O/P (pin 13) will occur,
with input signal frequencies below 100MHz.
2)There are 2 RF coupling capacitors (20pF) on-chip, which couple the output signal from stage 3 to the input of stage 4 (ref
Fig. 24). These can introduce undesirable limiting phase performance for input signal frequencies below 100MHz.
Fig.3 Test circuit
+5V VCC
L3
VIDEO
OUTPUT
470
18p
200
10n
OFFSET
ADJUST
R0 2k2
10n
10n
10n
L4
L5
GAIN
ADJUST
RG 2k2
L2
10n
1n
1n
SW1
15
16
17
18
19
20
21
22
23
24
25
14
13
12
11
10
9
8
7
6
5
4
100
65
4
12
3
ANZAC
TP101
RF OUTPUT
+5V VEE
10n
3
2
1
26
27
28
10n
L1
12
3
65
4
ANZAC
TP101
RF INPUT
NOTES
1.
Inductors L1 to L5 = 3 TURNS
30SWG on Ferrite bead.
2.
D.U.T. mounted in a test socket
– ENPLAS OTS–28–1.27–04
3.
Transmission line BALUNS used
– not recommended in Application (see Para 3C)
RT
1k5
SL3552


Numéro de pièce similaire - SL3522NA1C

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL3522NA1C MITEL-SL3522NA1C Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results

Description similaire - SL3522NA1C

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com