Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74AC540 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74AC540
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC540 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74AC540_05 Datasheet HTML 1Page - Fairchild Semiconductor 74AC540_05 Datasheet HTML 2Page - Fairchild Semiconductor 74AC540_05 Datasheet HTML 3Page - Fairchild Semiconductor 74AC540_05 Datasheet HTML 4Page - Fairchild Semiconductor 74AC540_05 Datasheet HTML 5Page - Fairchild Semiconductor 74AC540_05 Datasheet HTML 6Page - Fairchild Semiconductor 74AC540_05 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
Ds009966
www.fairchildsemi.com
November 1988
Revised March 2005
74AC540
Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The AC540 is an octal buffer/line drivers designed to be
employed as memory and address drivers, clock drivers
and bus oriented transmitter/receivers.
These devices are similar in function to the AC240 while
providing flow-through architecture (inputs on opposite side
from outputs). This pinout arrangement makes these
devices especially useful as output ports for microproces-
sors, allowing ease of layout and greater PC board density.
Features
s ICC and IOZ reduced by 50%
s 3-STATE inverting outputs
s Inputs and outputs opposite side of package, allowing
easier interface to microprocessors
s Output source/sink 24 mA
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Connection Diagram
Truth Table
H
HIGH Voltage Level
X
Immaterial
L
LOW Voltage Level
Z
High Impedance
FACT
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC540SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74AC540SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC540MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC540PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Inputs
Outputs
OE1
OE2
I
LL
H
L
HXX
Z
XHX
Z
LLL
H


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn