Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MGF7169C Fiches technique(PDF) 4 Page - Mitsubishi Electric Semiconductor

No de pièce MGF7169C
Description  UHF BAND GaAs POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF7169C Fiches technique(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MGF7169C Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MITSUBISHI ELECTRIC
(4/20)
Aug '97
Pin vs.Pout,Gain for CDMA
Pin vs. Pout,ACPR for CDMA
Preliminary
information
MGF7169C
MITSUBISHI SEMICONDUCTOR <GaAs MMIC>
UHF BAND GaAs POWER AMPLIFIER
0
5
10
15
20
25
30
35
-12
-8
-4
0
4
8
12
16
Pin (dBm)
0
5
10
15
20
25
30
35
Gain
Pout
0
5
10
15
20
25
30
35
-12
-8
-4
0
4
8
12
16
Pin (dBm)
-55
-45
-35
-25
-15
-5
5
15
Pout
ACPR
Fin=1880MHz
Vd1=Vd2=3.0V
Vg1=Vg2=-2.0V
CDMA evaluation
Fin=1880MHz
Vd1=Vd2=3.0V
Vg1=Vg2=-2.0V
CDMA evaluation


Numéro de pièce similaire - MGF7169C

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
MGF7168C MITSUBISHI-MGF7168C Datasheet
77Kb / 12P
   UHF BAND GaAs POWER AMPLIFIER
More results

Description similaire - MGF7169C

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
MGF7168C MITSUBISHI-MGF7168C Datasheet
77Kb / 12P
   UHF BAND GaAs POWER AMPLIFIER
MGF7170AC MITSUBISHI-MGF7170AC Datasheet
316Kb / 16P
   UHF BAND GaAs POWER AMPLIFIER
logo
New Japan Radio
NJG1134HA8 NJRC-NJG1134HA8 Datasheet
393Kb / 15P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1131HA8 NJRC-NJG1131HA8 Datasheet
236Kb / 10P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1139UA2 NJRC-NJG1139UA2 Datasheet
459Kb / 15P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1129MD7 NJRC-NJG1129MD7 Datasheet
412Kb / 15P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
logo
Mitsubishi Electric Sem...
MGF7175C MITSUBISHI-MGF7175C Datasheet
22Kb / 2P
   3 Stage Amplifier with gain control UHF BAND GaAs POWER AMPLIFIER
MGF7176C MITSUBISHI-MGF7176C Datasheet
22Kb / 2P
   3 Stage Amplifier with gain control UHF BAND GaAs POWER AMPLIFIER
logo
Toshiba Semiconductor
2SC2106 TOSHIBA-2SC2106 Datasheet
60Kb / 2P
   UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2379 TOSHIBA-2SC2379 Datasheet
59Kb / 2P
   UHF BAND POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com