Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMBT6589T1 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MMBT6589T1
Description  High Current Surface Mount PNP Silicon Switching Transistor for Switching Transistor for Portable Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6589T1 Fiches technique(HTML) 3 Page - ON Semiconductor

  MMBT6589T1 Datasheet HTML 1Page - ON Semiconductor MMBT6589T1 Datasheet HTML 2Page - ON Semiconductor MMBT6589T1 Datasheet HTML 3Page - ON Semiconductor MMBT6589T1 Datasheet HTML 4Page - ON Semiconductor MMBT6589T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBT6589T1
http://onsemi.com
3
Figure 1. DC Current Gain versus
Collector Current
Figure 2. DC Current Gain versus
Collector Current
Figure 3. “On” Voltages
Figure 4. Base Emitter Saturation Voltage
versus Collector Current
Figure 5. Collector Emitter Saturation Voltage
versus Collector Current
Figure 6. Collector Emitter Saturation Voltage
versus Collector Current
10
0.001
IC, COLLECTOR CURRENT (AMPS)
200
150
100
50
IC, COLLECTOR CURRENT (mA)
100
1000
1.0
130
90
70
50
100
1000
1.0
IC, COLLECTOR CURRENT (mA)
1.0
0.4
0.3
0.2
0.1
0
IC, COLLECTOR CURRENT (AMPS)
0.01
0.001
1.0
0.95
0.6
0.55
0.5
1.0
0.01
IB, BASE CURRENT (mA)
1.0
0.6
0.4
0.2
0
IC, COLLECTOR CURRENT (AMPS)
0.001
1.8
1.0
0.8
0.6
0.2
0
0.1
0.1
0
0.01
0.1
1.0
10
110
150
170
10
0.1
1.0
10
10
1000
100
0.8
0.01
10
1.0
0.4
VCE = −2.0 V
190
210
230
VCE = −1.0 V
125°C
25°C
−55°C
0.8
0.7
0.6
0.5
0.9
VBE(sat)
VCE(sat)
VBE(on)
0.7
0.65
0.8
0.75
0.9
0.85
IC/IB = 100
IC/IB = 10
1.6
1.4
1.2
IC/IB = 100
IC/IB = 10
1000 mA
100 mA
50 mA
10 mA


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MBT35200MT1_05 High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1  2  3  4  5  More ON Semiconductor
MMBT589LT1_07 High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1  2  3  4  5  ON Semiconductor
MMBT489LT1_06 High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications 1  2  3  4  ON Semiconductor
NST489AMT1 High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1  2  3  4  ON Semiconductor
MJD243_07 Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications 1  2  3  4  5  More ON Semiconductor
BUB323Z_05 NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount 1  2  3  4  5  More ON Semiconductor
DTA144TT1 Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  ON Semiconductor
MJD44E3 Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS 20 WATTS 1  2  3  ON Semiconductor
2SA1020 One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS 1  2  3  4  ON Semiconductor
EMA6DXV5T1 Dual Common Emitter Bias Resistor Transistor PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn