Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMBT589LT1 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MMBT589LT1
Description  High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT589LT1 Fiches technique(HTML) 4 Page - ON Semiconductor

  MMBT589LT1_07 Datasheet HTML 1Page - ON Semiconductor MMBT589LT1_07 Datasheet HTML 2Page - ON Semiconductor MMBT589LT1_07 Datasheet HTML 3Page - ON Semiconductor MMBT589LT1_07 Datasheet HTML 4Page - ON Semiconductor MMBT589LT1_07 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBT589LT1
http://onsemi.com
4
0.1
Figure 7. Safe Operating Area
VCE, COLLECTOR EMITTER VOLTAGE (VOLTS)
10
0.01
0.1
1.0
10
100
0.1
1.0
Figure 8. Normalized Thermal Response
t, TIME (sec)
1.0E+00
1.0E−03
1.0E−02
1E−05
0.01
0.1
1.0
100
1000
1.0E−01
0.0001
0.001
10
100 ms
1 ms
10 ms
100 ms
1 s
2 s
SINGLE PULSE TEST AT Tamb = 25°C
D = 0.01
0.02
0.05
r(t)
0.2
0.5


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn