Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMBT589LT1 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MMBT589LT1
Description  High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT589LT1 Fiches technique(HTML) 2 Page - ON Semiconductor

  MMBT589LT1_07 Datasheet HTML 1Page - ON Semiconductor MMBT589LT1_07 Datasheet HTML 2Page - ON Semiconductor MMBT589LT1_07 Datasheet HTML 3Page - ON Semiconductor MMBT589LT1_07 Datasheet HTML 4Page - ON Semiconductor MMBT589LT1_07 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBT589LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−30
Vdc
Collector − Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−50
Vdc
Emitter − Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector Cutoff Current
(VCB = −30 Vdc, IE = 0)
ICBO
−0.1
mAdc
Collector−Emitter Cutoff Current
(VCES = −30 Vdc)
ICES
−0.1
mAdc
Emitter Cutoff Current
(VEB = −4.0 Vdc)
IEBO
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3) (Figure 1)
(IC = −1.0 mA, VCE = −2.0 V)
(IC = −500 mA, VCE = −2.0 V)
(IC = −1.0 A, VCE = −2.0 V)
(IC = 2.0 A, VCE = −2.0 V)
hFE
100
100
80
40
300
Collector − Emitter Saturation Voltage (Note 3) (Figure 3)
(IC = −0.5 A, IB = −0.05 A)
(IC = −1.0 A, IB = 0.1 A)
(IC = −2.0 A, IB = −0.2 A)
VCE(sat)
−0.25
−0.30
−0.65
V
Base − Emitter Saturation Voltage (Note 3) (Figure 2)
(IC = −1.0 A, IB = −0.1 A)
VBE(sat)
−1.2
V
Base − Emitter Turn−on Voltage (Note 3)
(IC = −1.0 A, VCE = −2.0 V)
VBE(on)
−1.1
V
Cutoff Frequency
(IC = −100 mA, VCE = −5.0 V, f = 100 MHz)
fT
100
MHz
Output Capacitance
(f = 1.0 MHz)
Cobo
15
pF
3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle
≤ 2%


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn