Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMBT489LT1 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MMBT489LT1
Description  High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT489LT1 Fiches technique(HTML) 1 Page - ON Semiconductor

  MMBT489LT1_06 Datasheet HTML 1Page - ON Semiconductor MMBT489LT1_06 Datasheet HTML 2Page - ON Semiconductor MMBT489LT1_06 Datasheet HTML 3Page - ON Semiconductor MMBT489LT1_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 4
1
Publication Order Number:
MMBT489LT1/D
MMBT489LT1
High Current Surface Mount
NPN Silicon Switching
Transistor for Load
Management in
Portable Applications
Features
Pb−Free Package is Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
30
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
1.0
A
Collector Current − Peak
ICM
2.0
A
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation (Note 1)
@TA = 25°C
Derate above 25
°C
PD
310
2.5
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
403
°C/W
Total Device Dissipation (Note 2)
@TA = 25°C
Derate above 25
°C
PD
710
5.7
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
(Note 2)
RqJA
176
°C/W
Total Device Dissipation (Single Pulse < 10 s)
PDsingle
575
mW
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR− 4 @ Minimum Pad
2. FR− 4 @ 1.0 X 1.0 inch Pad
Device
Package
Shipping
ORDERING INFORMATION
MMBT489LT1
SOT−23
3000/Tape & Reel
COLLECTOR
3
1
BASE
2
EMITTER
30 VOLTS, 2.0 AMPERES
NPN TRANSISTOR
SOT−23 (TO−236)
CASE 318
STYLE 6
3
2
1
http://onsemi.com
MMBT489LT1
SOT−23
3000/Tape & Reel
MMBT489LT1G
SOT−23
(Pb−Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
N3 M
G
G
N3 = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn