Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74AC08 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC74AC08
Description  Quad 2−Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC08 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC74AC08_06 Datasheet HTML 1Page - ON Semiconductor MC74AC08_06 Datasheet HTML 2Page - ON Semiconductor MC74AC08_06 Datasheet HTML 3Page - ON Semiconductor MC74AC08_06 Datasheet HTML 4Page - ON Semiconductor MC74AC08_06 Datasheet HTML 5Page - ON Semiconductor MC74AC08_06 Datasheet HTML 6Page - ON Semiconductor MC74AC08_06 Datasheet HTML 7Page - ON Semiconductor MC74AC08_06 Datasheet HTML 8Page - ON Semiconductor MC74AC08_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74AC08, MC74ACT08
http://onsemi.com
5
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−free Package
PDIP−14
SOIC−14
TSSOP−14
MC74AC08N
AWLYYWWG
AC
08
ALYWG
G
MC74ACT08N
AWLYYWWG
74AC08
ALYWG
SOEIAJ−14
74ACT08
ALYWG
ACT
08
ALYWG
G
(Note: Microdot may be in either location)
AC08G
AWLYWWG
1
14
ACT08G
AWLYWWG
1
14
1
14
1
1
1
14
14
1
14
14
1
14
ORDERING INFORMATION
Device
Package
Shipping
MC74AC08N
PDIP−14
25 Units / Rail
MC74AC08NG
PDIP−14
(Pb−Free)
MC74AC08D
SOIC−14
55 Units / Rail
MC74AC08DG
SOIC−14
(Pb−Free)
MC74AC08DR2
SOIC−14
2500 / Tape & Reel
MC74AC08DR2G
SOIC−14
(Pb−Free)
MC74AC08DTR2
TSSOP−14*
MC74AC08DTR2G
TSSOP−14*
MC74AC08MEL
SOEIAJ−14
2000 / Tape & Reel
MC74AC08MELG
SOEIAJ−14
(Pb−Free)
MC74ACT08N
PDIP−14
25 Units / Rail
MC74ACT08NG
PDIP−14
(Pb−Free)
MC74ACT08D
SOIC−14
55 Units / Rail
MC74ACT08DG
SOIC−14
(Pb−Free)
MC74ACT08DR2
SOIC−14
2500 / Tape & Reel
MC74ACT08DR2G
SOIC−14
(Pb−Free)
MC74ACT08DTR2
TSSOP−14*
MC74ACT08DTR2G
TSSOP−14*
MC74ACT08MEL
SOEIAJ−14
2000 / Tape & Reel
MC74ACT08MELG
SOEIAJ−14
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC10H104_06 Quad 2−Input AND Gate 1  2  3  4  5  More ON Semiconductor
CD54AC08 Quad 2-Input AND Gate 1  Harris Corporation
MC10H100_06 Quad 2−Input NOR Gate With Strobe 1  2  3  4  5  ON Semiconductor
MC74AC08 Quad 2-Input AND Gate 1  2  3  4  5  Motorola, Inc
MC10H102_06 Quad 2−Input NOR Gate 1  2  3  4  5  More ON Semiconductor
MC10H103 Quad 2−Input OR Gate 1  2  3  4  5  More ON Semiconductor
TC74HC08AP QUAD 2-INPUT AND GATE 1  2  3  4  5  More Toshiba Semiconductor
MC74AC00 Quad 2−Input NAND Gate 1  2  3  4  5  More ON Semiconductor
MC74AC02 Quad 2−Input NOR Gate 1  2  3  4  5  More ON Semiconductor
74VCX32 Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn