Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74AC00 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC74AC00
Description  Quad 2−Input NAND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC00 Fiches technique(HTML) 4 Page - ON Semiconductor

  MC74AC00 Datasheet HTML 1Page - ON Semiconductor MC74AC00 Datasheet HTML 2Page - ON Semiconductor MC74AC00 Datasheet HTML 3Page - ON Semiconductor MC74AC00 Datasheet HTML 4Page - ON Semiconductor MC74AC00 Datasheet HTML 5Page - ON Semiconductor MC74AC00 Datasheet HTML 6Page - ON Semiconductor MC74AC00 Datasheet HTML 7Page - ON Semiconductor MC74AC00 Datasheet HTML 8Page - ON Semiconductor MC74AC00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74AC00, MC74ACT00
http://onsemi.com
4
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
MC74ACT00
Unit
Conditions
TA = +255C
TA = −405C to +855C TA = −555C to + 1255C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
5.5
1.5
1.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VOUT = 0.1 V
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
5.5
1.5
1.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOUT = 0.1 V
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
5.5
4.49
5.49
4.4
5.4
4.4
5.4
4.4
5.4
V
IOUT = −50 mA
4.5
5.5
3.86
4.86
3.76
4.76
3.7
4.7
V
*VIN = VIL or VIH
IOH
−24 mA
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
5.5
0.001
0.001
0.1
0.1
0.1
0.1
0.1
0.1
V
IOUT = 50 mA
4.5
5.5
0.36
0.36
0.44
0.44
0.5
0.5
V
*VIN = VIL or VIH
IOL
24 mA
24 mA
IIN
Maximum Input
Leakage Current
5.5
$0.1
$1.0
$1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input 5.5
0.6
1.5
1.6
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
50
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
−50
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
40
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (tr = tf = 3.0 nS; CL = 50 pF; see Figures 3 and 4 for Waveforms)
Symbol
Parameter
VCC*
(V)
MC74ACT00
Unit
TA = +255C
TA = −405C to +855C TA = −555C to +1255C
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
5.5
9.0
1.0
9.5
1.0
9.5
ns
tPHL
Propagation Delay
5.0
1.5
4.0
7.0
1.0
8.0
1.0
8.0
ns
*Voltage Range 5.0 V is 5.0 V $0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Test Conditions
Unit
CIN
Input Capacitance
4.5
VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance
30
VCC = 5.0 V
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC10H100_06 Quad 2−Input NOR Gate With Strobe 1  2  3  4  5  ON Semiconductor
MC10H102_06 Quad 2−Input NOR Gate 1  2  3  4  5  More ON Semiconductor
MC10H103 Quad 2−Input OR Gate 1  2  3  4  5  More ON Semiconductor
MC10H104_06 Quad 2−Input AND Gate 1  2  3  4  5  More ON Semiconductor
IN74AC132 Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS 1  2  3  4  Integral Corp.
54F00 Quad 2-Input NAND Gate 1  2  3  4  5  More National Semiconductor (TI)
74AC00 Quad 2-Input NAND Gate 1  2  3  4  5  More Fairchild Semiconductor
74LCX38 Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn