Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10SX1190DTR2G Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC10SX1190DTR2G
Description  Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1190DTR2G Fiches technique(HTML) 4 Page - ON Semiconductor

  MC10SX1190DTR2G Datasheet HTML 1Page - ON Semiconductor MC10SX1190DTR2G Datasheet HTML 2Page - ON Semiconductor MC10SX1190DTR2G Datasheet HTML 3Page - ON Semiconductor MC10SX1190DTR2G Datasheet HTML 4Page - ON Semiconductor MC10SX1190DTR2G Datasheet HTML 5Page - ON Semiconductor MC10SX1190DTR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC10SX1190
http://onsemi.com
4
Table 4. AC CHARACTERISTICS (VCC = 3.0 V to 5.5 V, VEE = 0 V) (Note 11)
−40°C
25°C to 85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Unit
tpd
Propagation Delay−to−Output
DR → QR (Diff) (Notes 12 and 13)
140
240
340
180
280
380
ps
DR → QT (Diff)
300
400
500
350
470
650
DT → QT (Diff)
280
380
480
350
440
650
tPLH,
tPHL
Propagation Delay
SEL → QT,QT
(1.5 V to 50% Pt)
400
700
1000
400
700
1000
ps
tr,
tf
Rise Time (20% to 80%)
QR,QR
Fall Time (80% to 20%)
70
140
200
90
155
250
ps
tr,
tf
Rise Time (20% to 80%)
QT,QT
Fall Time 80% to 20%
150
200
280
150
230
230
500
ps
tskew
Within Device Skew (Note 14)
15
15
ps
VPP
Input Swing (Differential Configuration)
200
1000
200
1000
mV
VCMR
Common Mode Range (Note 15)
3.0
4.35
3.0
4.35
V
fmax
Maximum Operation Frequency
2.5
2.5
Gb/s
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. VEE can vary +0.3 V to −0.3 V
12.The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
13.The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
14.Duty cycle skew is the difference between tPLH and tPHL propagation delay through a device.
15.The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls
within the specified range and the peak-to-peak voltage lies between VPP Min and 1.0 V.


Numéro de pièce similaire - MC10SX1190DTR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10SX1190DT ONSEMI-MC10SX1190DT Datasheet
105Kb / 8P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
December, 1999 ??Rev. 1
More results

Description similaire - MC10SX1190DTR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1189 ONSEMI-MC10SX1189_16 Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
79Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
1996 REV 1
MC10SX1190 ONSEMI-MC10SX1190 Datasheet
105Kb / 8P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
December, 1999 ??Rev. 1
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6