Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100H646FNG Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC100H646FNG
Description  PECL/TTL?뭈TL 1:8 Clock Distribution Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H646FNG Fiches technique(HTML) 1 Page - ON Semiconductor

  MC100H646FNG Datasheet HTML 1Page - ON Semiconductor MC100H646FNG Datasheet HTML 2Page - ON Semiconductor MC100H646FNG Datasheet HTML 3Page - ON Semiconductor MC100H646FNG Datasheet HTML 4Page - ON Semiconductor MC100H646FNG Datasheet HTML 5Page - ON Semiconductor MC100H646FNG Datasheet HTML 6Page - ON Semiconductor MC100H646FNG Datasheet HTML 7Page - ON Semiconductor MC100H646FNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 5
1
Publication Order Number:
MC10H646/D
MC10H646, MC100H646
PECL/TTL−TTL 1:8 Clock
Distribution Chip
Description
The MC10H/100H646 is a single supply, low skew translating 1:8
clock driver. Devices in the ON Semiconductor H646 translator series
utilize the 28−lead PLCC for optimal power pinning, signal flow
through and electrical performance. The single supply H646 is similar
to the H643, which is a dual supply 1:8 version of the same function.
The H646 was designed specifically to drive series terminated
transmission lines. Special techniques were used to match the HIGH
and LOW output impedances to about 7.0
W. This simplifies the
choice of the termination resistor for series terminated applications. To
match the HIGH and LOW output impedances, it was necessary to
remove the standard IOS limiting resistor. As a result, the user should
take care in preventing an output short to ground as the part will be
permanently damaged.
The H646 device meets all of the requirements for driving the
60 MHz and 66 MHz Intel Pentium® Microprocessor. The device has
no PLL components, which greatly simplifies its implementation into
a digital design. The eight copies of the clock allows for
point−to−point clock distribution to simplify board layout and
optimize signal integrity.
The H646 provides differential PECL inputs for picking up LOW
skew PECL clocks from the backplane and distributing it to TTL loads
on a daughter board. When used in conjunction with the
MC10/100E111, very low skew, very wide clock trees can be
designed. In addition, a TTL level clock input is provided for
flexibility. Note that only one of the inputs can be used on a single
chip. For correct operation, the unused input pins should be left open.
The Output Enable pin forces the outputs into a high impedance
state when a logic 0 is applied.
The output buffers of the H646 can drive two series terminated,
50
W transmission lines each. This capability allows the H646 to drive
up to 16 different point−to−point clock loads. Refer to the
Applications section for a more detailed discussion in this area.
The 10H version is compatible with MECL™ 10H ECL logic levels.
The 100H version is compatible with 100K levels.
Features
PECL/TTL−TTL Version of Popular ECLinPS™ E111
Low Skew
Guaranteed Skew Spec
Tri−State Enable
Differential Internal Design
VBB Output
Single Supply
Extra TTL and ECL Power/Ground Pins
Matched High and Low Output Impedance
Meets Specifications Required to Drive
Intel® Pentium® Microprocessors
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxH646G
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Numéro de pièce similaire - MC100H646FNG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100H646 ONSEMI-MC100H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
More results

Description similaire - MC100H646FNG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
logo
NXP Semiconductors
PTN1111 PHILIPS-PTN1111 Datasheet
53Kb / 5P
   1:10 PECL clock distribution device
2001 Jun 19
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com