Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100H644 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC100H644
Description  68030/040 PECL to TTL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H644 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC100H644 Datasheet HTML 1Page - ON Semiconductor MC100H644 Datasheet HTML 2Page - ON Semiconductor MC100H644 Datasheet HTML 3Page - ON Semiconductor MC100H644 Datasheet HTML 4Page - ON Semiconductor MC100H644 Datasheet HTML 5Page - ON Semiconductor MC100H644 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10H644, MC100H644
http://onsemi.com
2
GT
Q3
GT
Q2
GT
Q4 VT
Q5 GT
R
VE
DE
VBB
DE
GE
Q1 VT
Q0
SEL DT
19
18
13
17
16
15
14
12
11
10
9
4567
8
20
1
2
3
Figure 1. Pinout: PLCC−20 (Top View)
Table 1. PIN DESCRIPTION
PIN
FUNCTION
GT
VT
VE
GE
DE, DE
VBB
DT
Qn, Qn
SEL
R
TTL Ground (0 V)
TTL VCC (+5.0 V)
ECL VCC (+5.0 V)
ECL Ground (0 V)
ECL Signal Input (positive ECL)
VBB Reference Output
TTL Signal Input
Signal Outputs (TTL)
Input Select (TTL)
Reset (TTL)
*Skews are specified for Identical Edges
÷4
VBB
TTL OUTPUTS
Q5
Q4
Q3
Q2
Q1
Q0
÷2
2:1 MUX
DE
(ECL)
DE
(ECL)
DT
(TTL)
SEL
(TTL)
R
(TTL)
Figure 2. Logic Diagram


Numéro de pièce similaire - MC100H644

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100H644 ONSEMI-MC100H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
More results

Description similaire - MC100H644

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com