Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10H121L Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10H121L
Description  4?뭌ide OR?묨ND/OR?묨ND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H121L Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10H121L Datasheet HTML 1Page - ON Semiconductor MC10H121L Datasheet HTML 2Page - ON Semiconductor MC10H121L Datasheet HTML 3Page - ON Semiconductor MC10H121L Datasheet HTML 4Page - ON Semiconductor MC10H121L Datasheet HTML 5Page - ON Semiconductor MC10H121L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10H121
http://onsemi.com
2
Figure 1. Logic Diagram
Figure 2. Pin Assignment
VCC1
AOUT
AOUT
A1IN
A1IN
A1IN
A2IN
VEE
VCC2
A4IN
A4IN
A4IN
A3IN
A3IN
A2IN, A3IN
A2IN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
15
14
13
12
11
10
9
7
2
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
6
5
4
3
Pin assignment is for Dual−in−Line Package.
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range Plastic
Ceramic
−55 to +150
−55 to +165
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
29
26
29
mA
IinH
Input Current High
Pins 3, 4, 5, 6, 7, 9
11, 12, 13, 14, 15
Pin 10
500
610
295
360
295
360
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained. Outputs are terminated through a 50 W resistor to −2.0 V.


Numéro de pièce similaire - MC10H121L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H121L ONSEMI-MC10H121L Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
More results

Description similaire - MC10H121L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H117 ONSEMI-MC10H117_06 Datasheet
152Kb / 6P
   Dual 2?뭌ide 2???묲nput OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 7
MC10H121 ONSEMI-MC10H121 Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
MC10121 ONSEMI-MC10121 Datasheet
101Kb / 5P
   4-Wide OR-AND/OR-AND Gate
1996 REV 5
MC10121 ONSEMI-MC10121_02 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
logo
STMicroelectronics
HCC4071B STMICROELECTRONICS-HCC4071B Datasheet
281Kb / 11P
   OR GATE
logo
Festo Corporation.
6681 FESTO-6681 Datasheet
77Kb / 1P
   OR gate
4/15/22
6684 FESTO-6684 Datasheet
76Kb / 1P
   OR gate
4/15/22
logo
STMicroelectronics
HCF4072B STMICROELECTRONICS-HCF4072B Datasheet
144Kb / 7P
   DUAL 4 INPUT OR GATE
logo
Festo Corporation.
6682 FESTO-6682 Datasheet
76Kb / 1P
   OR gate
4/15/22
10412 FESTO-10412 Datasheet
77Kb / 1P
   OR gate
4/15/22
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com