Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10H352FNR2G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC10H352FNR2G
Description  Quad CMOS to PECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H352FNR2G Fiches technique(HTML) 3 Page - ON Semiconductor

  MC10H352FNR2G Datasheet HTML 1Page - ON Semiconductor MC10H352FNR2G Datasheet HTML 2Page - ON Semiconductor MC10H352FNR2G Datasheet HTML 3Page - ON Semiconductor MC10H352FNR2G Datasheet HTML 4Page - ON Semiconductor MC10H352FNR2G Datasheet HTML 5Page - ON Semiconductor MC10H352FNR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H352
http://onsemi.com
3
Table 2. ELECTRICAL CHARACTERISTICS (VCC = VCC1 = VCC2 = 5.0 V ± 5.0%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
ECL
Power Supply
Current
50
45
50
mA
TTL
20
15
20
mA
IR
Reverse Current
Pins 7, 8, 12, 14
Pin 9
25
100
20
80
25
100
mA
IF
Forward Current
Pins 7, 8, 12, 14
Pin 9
−0.8
−3.2
−0.6
−2.4
−0.8
−3.2
mA
V(BR)in
Input Voltage
Breakdown
5.5
5.5
5.5
Vdc
VI
Input Clamp Voltage
(Iin = −18 mA)
−1.5
−1.5
−1.5
Vdc
VOH
High Output
Voltage (Note 2)
3.98
4.16
4.02
4.19
4.08
4.27
Vdc
VOL
Low Output
Voltage (Note 2)
3.05
3.37
3.05
3.37
3.05
3.37
Vdc
VIH
High Input Voltage
3.15
3.15
3.15
Vdc
VIL
Low Input Voltage
1.5
1.5
1.5
Vdc
*Positive Emitter Coupled Logic
1. Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
Outputs are terminated through a 50 W resistor to VCC − 2.0 Vdc.
2. With VCC at 5.0 V. VOH/VOL change 1:1 with VCC.
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay (Note 3)
0.4
1.9
0.4
2.0
0.4
2.1
ns
tr
Rise Time (20% to 80%)
0.4
1.9
0.4
2.0
0.4
2.1
ns
tf
Fall Time (80% to 20%)
0.4
1.9
0.4
2.0
0.4
2.1
ns
fmax
Maximum Operating Frequency
150
150
150
MHz
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Propagation delay is measured on this circuit from VCC/2 on the input waveform to the 50% point on the output waveform.


Numéro de pièce similaire - MC10H352FNR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
   Quad CMOS to PECL* Translator
1996 REV 5
More results

Description similaire - MC10H352FNR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
   Quad CMOS to PECL* Translator
1996 REV 5
logo
Micrel Semiconductor
SY10H352 MICREL-SY10H352 Datasheet
59Kb / 5P
   QUAD CMOS-to-PECL TRANSLATOR
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351 Datasheet
101Kb / 4P
   Quad TTL/NMOS to PECL Translator
1996 REV 5
MC10H351 ONSEMI-MC10H351_16 Datasheet
128Kb / 5P
   Quad TTL/NMOS to PECL Translator
August, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY10H351 MICREL-SY10H351_06 Datasheet
59Kb / 5P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
SY10H351 MICREL-SY10H351 Datasheet
60Kb / 4P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
logo
Arizona Microtek, Inc
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com