Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10H189FNR2G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10H189FNR2G
Description  Hex Inverter with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H189FNR2G Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10H189FNR2G Datasheet HTML 1Page - ON Semiconductor MC10H189FNR2G Datasheet HTML 2Page - ON Semiconductor MC10H189FNR2G Datasheet HTML 3Page - ON Semiconductor MC10H189FNR2G Datasheet HTML 4Page - ON Semiconductor MC10H189FNR2G Datasheet HTML 5Page - ON Semiconductor MC10H189FNR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
MC10H189/D
MC10H189
Hex Inverter with Enable
Description
The MC10H189 is a Hex Inverter with a common Enable input. The
hex inverting function is provided when Enable is in the low−state.
When Enable is in the high−state, all outputs are low.
This MECL 10H
™ part is a functional/pinout duplication of the
standard MECL 10K
™ family part, with 100% improvement in
propagation delay and no increase in power−supply current.
Features
Propagation Delay, 1.3 ns Typical Data−to−Output
Power Dissipation 180 mW Typ/Pkg (No Load)
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
Pb−Free Packages are Available*
LOGIC DIAGRAM
DIP
PIN ASSIGNMENT
12
11
10
7
6
5
9
2
3
4
13
14
15
X
Y
OUT
VCC1
AOUT
BOUT
COUT
AIN
BIN
CIN
VEE
VCC2
FOUT
EOUT
DOUT
FIN
EIN
DIN
COMMON
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
X
Y
OUT
Inputs Output
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8
TRUTH TABLE
L
L
H
H
L
H
L
H
H
L
L
L
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
CASE 966
16
1
16
1
MC10H189P
AWLYYWWG
1
16
MC10H189L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
10H189
ALYWG
PLLC−20
FN SUFFIX
CASE 775
20 1
10H189G
AWLYYWW
120


Numéro de pièce similaire - MC10H189FNR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H189 ONSEMI-MC10H189 Datasheet
97Kb / 3P
   Hex Inverter with Enable
1996 REV 6
More results

Description similaire - MC10H189FNR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H189 ONSEMI-MC10H189 Datasheet
97Kb / 3P
   Hex Inverter with Enable
1996 REV 6
MC10189 ONSEMI-MC10189_02 Datasheet
86Kb / 4P
   Hex Inverter With Enable
January, 2002 ??Rev. 7
MC10189 ONSEMI-MC10189 Datasheet
101Kb / 4P
   Hex Inverter With Enable
1996 REV 5
MC10H188 ONSEMI-MC10H188 Datasheet
96Kb / 3P
   Hex Buffer with Enable
1996 REV 5
logo
Motorola, Inc
MC10188 MOTOROLA-MC10188 Datasheet
101Kb / 4P
   Hex Buffer With Enable
logo
ON Semiconductor
MC10H188 ONSEMI-MC10H188_06 Datasheet
152Kb / 6P
   Hex Buffer with Enable
February, 2006 ??Rev. 7
MC10188 ONSEMI-MC10188 Datasheet
68Kb / 4P
   Hex Buffer With Enable
March, 2000 ??Rev. 6
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
NXP Semiconductors
10188 PHILIPS-10188 Datasheet
180Kb / 4P
   Hex Buffer with Enable (Non-Inverting)
June 14 1990
74F378 PHILIPS-74F378 Datasheet
81Kb / 10P
   Hex D flip-flop with enable
1989 Oct 05
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com