Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10EP195FAG Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10EP195FAG
Description  3.3V ECL Programmable Delay Chip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP195FAG Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10EP195FAG Datasheet HTML 1Page - ON Semiconductor MC10EP195FAG Datasheet HTML 2Page - ON Semiconductor MC10EP195FAG Datasheet HTML 3Page - ON Semiconductor MC10EP195FAG Datasheet HTML 4Page - ON Semiconductor MC10EP195FAG Datasheet HTML 5Page - ON Semiconductor MC10EP195FAG Datasheet HTML 6Page - ON Semiconductor MC10EP195FAG Datasheet HTML 7Page - ON Semiconductor MC10EP195FAG Datasheet HTML 8Page - ON Semiconductor MC10EP195FAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 16
1
Publication Order Number:
MC10EP195/D
MC10EP195, MC100EP195
3.3V ECL Programmable
Delay Chip
The MC10/100EP195 is a Programmable Delay Chip (PDC)
designed primarily for clock deskewing and timing adjustment. It
provides variable delay of a differential NECL/PECL input transition.
The delay section consists of a programmable matrix of gates and
multiplexers as shown in the logic diagram, Figure 3. The delay
increment of the EP195 has a digitally selectable resolution of about
10 ps and a net range of up to 10.2 ns. The required delay is selected by
the 10 data select inputs D[9:0] values and controlled by the LEN
(pin 10). A LOW level on LEN allows a transparent LOAD mode of
real time delay values by D[9:0]. A LOW to HIGH transition on LEN
will LOCK and HOLD current values present against any subsequent
changes in D[10:0]. The approximate delay values for varying tap
numbers correlating to D0 (LSB) through D9 (MSB) are shown in
Table 6 and Figure 4.
Because the EP195 is designed using a chain of multiplexers it has a
fixed minimum delay of 2.2 ns. An additional pin D10 is provided for
controlling Pins 14 and 15, CASCADE and CASCADE, also latched
by LEN, in cascading multiple PDCs for increased programmable
range. The cascade logic allows full control of multiple PDCs.
Switching devices from all “1” states on D[0:9] with SETMAX LOW
to all “0” states on D[0:9] with SETMAX HIGH will increase the
delay equivalent to “D0”, the minimum increment.
Select input pins D[10:0] may be threshold controlled by
combinations of interconnects between VEF (pin 7) and VCF (pin 8)
for LVCMOS, ECL, or LVTTL level signals. For LVCMOS input
levels, leave VCF and VEF open. For ECL operation, short VCF and
VEF (Pins 7 and 8). For LVTTL level operation, connect a 1.5 V
supply reference to VCF and leave open VEF pin. The 1.5 V reference
voltage to VCF pin can be accomplished by placing a 2.2 kW resistor
between VCF and VEE for a 3.3 V power supply.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single−ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Maximum Input Clock Frequency >1.2 GHz Typical
Programmable Range: 0 ns to 10 ns
Delay Range: 2.2 ns to 12.2 ns
10 ps Increments
PECL Mode Operating Range:
VCC = 3.0 V to 3.6 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −3.6 V
Open Input Default State
Safety Clamp on Inputs
A Logic High on the EN Pin Will Force Q to Logic
Low
D[10:0] Can Accept Either ECL, LVCMOS, or LVTTL
Inputs
VBB Output Reference Voltage
Pb−Free Packages are Available
32
1
LQFP−32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
XXX
= 10 or 100
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
*For additional marking information, refer to
Application Note AND8002/D.
MCXXX
EP195
AWLYYWWG
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
QFN32
MN SUFFIX
CASE 488AM
32
1
MCXXX
EP195
AWLYYWWG
G
1
(Note: Microdot may be in either location)


Numéro de pièce similaire - MC10EP195FAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP195FAG ONSEMI-MC10EP195FAG Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
More results

Description similaire - MC10EP195FAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com