Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP17DW Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC100EP17DW
Description  3.3V / 5V ECL Quad Differential Driver/Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP17DW Fiches technique(HTML) 1 Page - ON Semiconductor

  MC100EP17DW Datasheet HTML 1Page - ON Semiconductor MC100EP17DW Datasheet HTML 2Page - ON Semiconductor MC100EP17DW Datasheet HTML 3Page - ON Semiconductor MC100EP17DW Datasheet HTML 4Page - ON Semiconductor MC100EP17DW Datasheet HTML 5Page - ON Semiconductor MC100EP17DW Datasheet HTML 6Page - ON Semiconductor MC100EP17DW Datasheet HTML 7Page - ON Semiconductor MC100EP17DW Datasheet HTML 8Page - ON Semiconductor MC100EP17DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 7
1
Publication Order Number:
MC10EP17/D
MC10EP17, MC100EP17
3.3V / 5VECL Quad
Differential Driver/Receiver
Description
The MC10/100EP17 is a 4-bit differential line receiver based on the
EP17 device. The >3.0 GHz maximum frequency provided by the high
frequency outputs makes the device ideal for buffering of very high
speed oscillators.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The design incorporates two stages of gain, internal to the device,
making it an excellent choice for use in high bandwidth amplifier
applications.
Inputs of unused gates can be left open and will not affect the
operation of the rest of the device. All VCC and VEE pins must be
externally connected to power supply to guarantee proper operation.
The 100 Series contains temperature compensation.
Features
220 ps Typical Propagation Delay
Maximum Frequency >3.0 GHz Typical
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at VEE
VBB Output
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TSSOP−20
DT SUFFIX
CASE 948E
MARKING
DIAGRAMS*
XXX
= 10 or 100
A
= Assembly Location
L,
= Assembly Lot
WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
SO−20
DW SUFFIX
CASE 751D
1
20
1
20
MCXXXEP17
AWLYYWWG
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
XXXX
EP17
ALYWG
G
1
20
QFN−20
MN SUFFIX
CASE 485E
MCXXX
EP17
ALYWG
G
1
20


Numéro de pièce similaire - MC100EP17DW

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP17DW ONSEMI-MC100EP17DW Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
MC100EP17DWG ONSEMI-MC100EP17DWG Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
MC100EP17DWR2 ONSEMI-MC100EP17DWR2 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
MC100EP17DWR2G ONSEMI-MC100EP17DWR2G Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
More results

Description similaire - MC100EP17DW

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com