Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10EP32DR2G Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce MC10EP32DR2G
Description  3.3V / 5V ECL 첨2 Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP32DR2G Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button MC10EP32DR2G Datasheet HTML 3Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 4Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 5Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 6Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 7Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 8Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 9Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 10Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC10EP32, MC100EP32
http://onsemi.com
10
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948R−02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.


Numéro de pièce similaire - MC10EP32DR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EP32DR2G ONSEMI-MC10EP32DR2G Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
More results

Description similaire - MC10EP32DR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com