Moteur de recherche de fiches techniques de composants électroniques |
|
MC10EP11MNR4 Fiches technique(PDF) 6 Page - ON Semiconductor |
|
MC10EP11MNR4 Fiches technique(HTML) 6 Page - ON Semiconductor |
6 / 11 page MC10EP11, MC100EP11 http://onsemi.com 6 Table 9. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 17) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max IEE Negative Power Supply Current 26 35 44 26 35 44 26 35 46 mA VOH Output HIGH Voltage (Note 18) −1145 −1020 −895 −1145 −1020 −895 −1145 −1020 −895 mV VOL Output LOW Voltage (Note 18) −1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695 mV VIH Input HIGH Voltage (Single−Ended) −1225 −880 −1225 −880 −1225 −880 mV VIL Input LOW Voltage (Single−Ended) −1945 −1625 −1945 −1625 −1945 −1625 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 19) VEE + 2.0 0.0 VEE + 2.0 0.0 VEE + 2.0 0.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current D D 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 17.Input and output parameters vary 1:1 with VCC. 18.All loading with 50 W to VCC − 2.0 V. 19.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 10. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max fmax Maximum Frequency (Figure 2) > 3 > 3 > 3 GHz tPLH, tPHL Propagation Delay to Output Differential CLK to Q, Q 140 200 250 160 220 270 180 240 300 ps tSKEW Within Device Skew Q0, Q1 (Note 21) Device−to−Device Skew 10 15 110 15 20 110 20 25 120 ps tJITTER Random Clock Jitter (RMS) (Figure 2) 0.2 < 1 0.2 < 1 0.2 < 1 ps VINPP Input Voltage Swing Sensitivity (Differential Configuration) 150 800 1200 150 800 1200 150 800 1200 mV tr tf Output Rise/Fall Times Q, Q (20% − 80%) @ 1.0 GHz 70 120 170 80 130 180 90 150 200 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 20.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. 21.Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs. |
Numéro de pièce similaire - MC10EP11MNR4 |
|
Description similaire - MC10EP11MNR4 |