Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJB44H11 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MJB44H11
Description  Complementary Power Transistors D2PAK for Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJB44H11 Fiches technique(HTML) 3 Page - ON Semiconductor

  MJB44H11_05 Datasheet HTML 1Page - ON Semiconductor MJB44H11_05 Datasheet HTML 2Page - ON Semiconductor MJB44H11_05 Datasheet HTML 3Page - ON Semiconductor MJB44H11_05 Datasheet HTML 4Page - ON Semiconductor MJB44H11_05 Datasheet HTML 5Page - ON Semiconductor MJB44H11_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJB44H11 (NPN), MJB45H11 (PNP)
http://onsemi.com
3
Figure 2. Maximum Rated Forward Bias
Safe Operating Area
100
1.0
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
5.0
10
TC ≤ 70° C
DUTY CYCLE ≤ 50%
2.0 3.0
20
30
50
100
1.0
7.0
70
1.0 ms
dc
0.1
0.2
0.3
0.5
2.0
3.0
5.0
10
20
30
50
10 ms
100 ms
1.0 ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 150°C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150°C. TJ(pk) may be calculated from the data in
Figure 1. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
Figure 3. Power Derating
0
T, TEMPERATURE (°C)
0
40
60
100
120
160
40
TC
20
60
0
2.0
TA
1.0
3.0
80
140
TC
TA
20


Numéro de pièce similaire - MJB44H11_05

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJB44H11G ONSEMI-MJB44H11G Datasheet
115Kb / 6P
   Complementary Power Transistors
May, 2013 ??Rev. 5
MJB44H11G ONSEMI-MJB44H11G Datasheet
184Kb / 7P
   Complementary Power Transistors D2PAK for Surface Mount
May, 2013 - Rev. 5
MJB44H11T4 ONSEMI-MJB44H11T4 Datasheet
75Kb / 6P
   Complementary Power Transistors
December, 2003 ??Rev. 1
logo
STMicroelectronics
MJB44H11T4 STMICROELECTRONICS-MJB44H11T4 Datasheet
412Kb / 11P
   Low voltage NPN power transistor
May 2014 Rev 2
MJB44H11T4-A STMICROELECTRONICS-MJB44H11T4-A Datasheet
412Kb / 11P
   Automotive-grade low voltage NPN power transistor
May 2014 Rev 1
More results

Description similaire - MJB44H11_05

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJB44H11 ONSEMI-MJB44H11 Datasheet
184Kb / 7P
   Complementary Power Transistors D2PAK for Surface Mount
May, 2013 - Rev. 5
MJD2955 ONSEMI-MJD2955_06 Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
logo
Central Semiconductor C...
CJD41C CENTRAL-CJD41C_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD340 CENTRAL-CJD340_10 Datasheet
424Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD44H11 CENTRAL-CJD44H11_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_15 Datasheet
604Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_10 Datasheet
604Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT31C CENTRAL-CZT31C_15 Datasheet
602Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD2955 CENTRAL-CJD2955_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD31C CENTRAL-CJD31C_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com