Moteur de recherche de fiches techniques de composants électroniques |
|
MC100EL51DTR2G Fiches technique(PDF) 5 Page - ON Semiconductor |
|
MC100EL51DTR2G Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 9 page MC10EL51, MC100EL51 http://onsemi.com 5 Table 8. AC CHARACTERISTICS VCC= 5.0 V; VEE= 0.0 V or VCC= 0.0 V; VEE= −5.0 V (Note 13) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit fmax Maximum Toggle Frequency 1.8 2.8 2.2 2.8 2.2 2.8 GHz tPLH tPHL Propagation Delay to Output CLK R 325 305 465 455 605 605 385 355 475 465 565 565 440 410 530 510 620 620 ps tS Setup Time 150 0 150 0 150 0 ps tH Hold Time 250 100 250 100 250 100 ps tRR Reset Recovery 400 200 400 200 400 200 ps tPW Minimum Pulse Width CLK, Reset 400 400 400 ps VPP Input Swing (Note 14) 150 1000 150 1000 150 1000 mV tJITTER Cycle−to−Cycle Jitter TBD TBD TBD ps tr tf Output Rise/Fall Times Q (20% − 80%) 100 225 350 100 225 350 100 225 350 ps 13.10 Series: VEE can vary +0.25 V / −0.5 V. 100 Series: VEE can vary +0.8 V / −0.5 V. 14.VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40. Figure 2. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D − Termination of ECL Logic Devices.) Driver Device Receiver Device QD Q D Zo = 50 W Zo = 50 W 50 W 50 W VTT VTT = VCC − 2.0 V |
Numéro de pièce similaire - MC100EL51DTR2G |
|
Description similaire - MC100EL51DTR2G |